Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5632 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5632
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5632 Datasheet HTML 1Page - Fairchild Semiconductor FAN5632 Datasheet HTML 2Page - Fairchild Semiconductor FAN5632 Datasheet HTML 3Page - Fairchild Semiconductor FAN5632 Datasheet HTML 4Page - Fairchild Semiconductor FAN5632 Datasheet HTML 5Page - Fairchild Semiconductor FAN5632 Datasheet HTML 6Page - Fairchild Semiconductor FAN5632 Datasheet HTML 7Page - Fairchild Semiconductor FAN5632 Datasheet HTML 8Page - Fairchild Semiconductor FAN5632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
Electrical Characteristics
VIN = 2.2V to 5.5V, IOUT = 1mA, CIN = 10µF, COUT = 10µF, CB = 1µF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = 25°C.
Notes:
4. The short circuit protection is designed to protect against pre-existing short circuit conditions, i.e. assembly shorts
that exist prior to device power-up. The short circuit current limit is 25mAAverage. Short circuit currents in normal
operation are inherently limited by the ON-resistance of the internal FET. Since this resistance is in the range of 1
Ω,
in some cases thermal shutdown may occur. However, immediately following the first thermal shutdown event, the
short circuit condition will be treated as pre-existing, and the load current will reduce to 25mAAverage.
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Under-Voltage Lockout
2
V
No Load Supply Current
No switching
60
µA
Output Voltage
FAN5631, SEL to HIGH
1.5
V
FAN5631, SEL to LOW
1.2
FAN5632, SEL to HIGH
1.5
FAN5632, SEL to LOW
Variable between
1.5 and 1.2
Output Voltage Accuracy
1mA
≤ I
OUT ≤ 150mA,
VIN = 2.7V to 5.5V
-5
+5
%
Load Regulation
0mA
≤ I
OUT ≤ 150mA, VIN = 3.6V
0.25
1
mV/mA
Line Regulation
IOUT = 0.1mA
0.2
4
mV/V
Shutdown Supply Current
VEN = 0V
0.1
1
µA
Output Short Circuit Current (Note 4)
VOUT ≤ 150mV
25
mA
Peak Efficiency
90
%
VIN at Configuration Change
VIN decreasing
2.22 x VOUT
V
Oscillator Frequency
VIN = 3.6V, IOUT = 150mA
1.7
MHz
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Threshold Hysteresis
15
°C
Enable Logic Input High Voltage, VIH
1.3
V
Enable Logic Input Low Voltage, VIL
0.4
V
Enable Logic Input Current
-1
1
µA
VSEL Logic Input High Voltage, VIH
1.3
V
VSEL Logic Input Low Voltage, VIL
0.4
V
VSEL Logic Input Current
-1
1
µA
VOUT Turn On Time
1.6
mS


Similar Part No. - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632 FAIRCHILD-FAN5632 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com