Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5632MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5632MPX
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5632MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
Block Diagram
Figure 4. Block Diagram
Detailed Description
The FAN5631/FAN5632 switched capacitor DC/DC converter
automatically configures switches to achieve high efficiency and
provides a regulated output voltage by means of the Pulse Fre-
quency Modulation (PFM) pulse-skipping mode. An internal
soft-start circuit prevents excessive in-rush current drawn from
the supply. The switches are split into three segments. Based on
the values of VIN, VOUT and IOUT, an internal circuitry deter-
mines the number of segments to be used to reduce current
spikes.
Step-Down Charge Pump Operation
When VIN ≥ 2 × VOUT/0.9, a 2:1 configuration, as shown in Fig.
5, is enabled. The factor 0.9 is used instead of 1 in order to
account for the effect of resistive losses across the switches and
to accommodate hysteresis in the voltage detector comparator.
Two phase non-overlapping clock signals are generated to drive
four switches. When switches 1 and 3 are ON, switches 2 and 4
are OFF and CB is charged. When switches 2 and 4 are ON,
switches 1 and 3 are OFF and charge is transferred from CB to
COUT.
When VIN < 2 × VOUT/0.9, a 1:1 configuration, as shown in Fig. 6
is enabled. In the 1:1 configuration switch 3 is always OFF and
switch 4 is always ON. At the 1.6V output setting the configura-
tion changes from 2:1 to 1:1 at VIN = 3.56V. At the 1.3V output
setting the change occurs at VIN = 3.06V.
Pulse-Skipping PFM and Fractional Switch
Operation
When the regulated output voltage reaches its upper limit, the
switches are turned off and the output voltage reaches its lower
limit. Considering a step-down 2:1 mode of operation, 1.6V out-
put as an example, when the output reaches about 1.62V
(upper limit), the control logic turns off all switches. Switching
stops completely. This is pulse-skipping mode. Since the supply
is isolated from the output, the output voltage will drop. Once
the output drops to about 1.58V (lower limit), the device will
return to regular switching mode with one quarter of each switch
turning on first. Another quarter of each switch will be turned on
if VOUT cannot reach regulation by the time of the third charge
cycle. Full switch operation occurs only during startup or under
heavy load condition, when a half switch operation cannot
achieve regulation within seven charge cycles.
Soft-Star
t
The soft-start feature limits in-rush current when the device is ini-
tially powered up and enabled. The reference voltage is used to
UVLO
+
-
SHUTDOWN
CONTROL
LOGIC
CONFIGURATION
PULSE_SKIP
SHORT_CKT.
+
-
+
-
+
-
THERMAL
SHUTDOWN
IN
OUT
Vref. RAMP
FB
OUTPUT
150mV
1V
0.5* INPUT
VOLTAGE
REF.
SOFT START
Vref. RAMP
OSCILLATOR
(2MHz)
C+
C-
ENABLE
VIN
GND.
D
R
I
V
E
R
S
0.25SW1 0.25SW1
0.25SW4 0.25SW4 0.5SW4
0.25SW3 0.25SW3 0.5SW3
0.5SW2
0.25SW2
0.25SW2
0.5SW1
FB
VOUT


Similar Part No. - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com