Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6520AIMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN6520AIMX
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AIMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6520AIMX Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 9Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 10Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRODUCT SPECIFICATION
FAN6520A
REV. 1.0.2 8/26/04
7
Figure 4. Soft-Start Interval
The FAN6520A incorporates a MOSFET shoot-through
protection method which allows a converter to both sink and
source current. Care should be exercised when designing a
converter with the FAN6520A when it is known that the
converter may sink current.
When the converter is sinking current, it is behaving as a
boost converter that is regulating its input voltage. This
means that the converter is boosting current into the VCC
rail, which supplies the bias voltage to the FAN6520A.
If this current has nowhere to go—such as to other distrib-
uted loads on the VCC rail, through a voltage limiting pro-
tection device, or other methods—the capacitance on the
VCC bus will absorb the current. This situation will allow
the voltage level of the VCC rail to increase. If the voltage
level of the rail is boosted to a level that exceeds the maxi-
mum voltage rating of the FAN6520A, then the IC will expe-
rience an irreversible failure and the converter will no longer
be operational. Ensure that there is a path for the current to
follow other than the capacitance on the rail to prevent this
failure mode.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to
another can generate voltage transients across the imped-
ances of the interconnecting bond wires and circuit traces.
Use wide, short-printed circuit traces to minimize these
interconnecting impedances. The critical components should
be located as close together as possible, using ground plane
construction or single point grounding.
Figure 5. Printed Circuit Board Power and
Ground Planes or Islands
Figure 5 shows the critical power components of the con-
verter. To minimize the voltage overshoot, the interconnect-
ing wires indicated by heavy lines should be part of a ground
or power plane in a printed circuit board. The components
shown in Figure 5 should be located as close together as
possible. Please note that the capacitors CIN and COUT may
each represent numerous physical capacitors. Locate the
FAN6520A within two inches of the Q1 and Q2 MOSFETs.
The circuit traces for the MOSFETs’ gate and source con-
nections from the FAN6520A must be sized to handle up
to 1A peak current.
Figure 5 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the COMP/OCSET pin and locate the
resistor, ROSCET close to the COMP/OCSET pin because
the internal current source is only 20µA. Provide local VCC
decoupling between VCC and GND pins. Locate the capaci-
tor, CBOOT as close as practical to the BOOT and PHASE
pins. All components used for feedback compensation
should be located as close to the IC as practical.
Figure 6. PC Board Small Signal Layout Guidelines
+VOUT
Q2
LDRV
SW
HDRV
Q1
CIN
LOUT
COUT
Vin
FAN
6520A
Q2
VCC
SW
BOOT
Q1
L
OUT
C
OUT
GND
C
BOOT
CVCC
+5V
DBOOT
COMP/OCSET
+5V
Vin


Similar Part No. - FAN6520AIMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AIMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com