Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB52N20TM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDB52N20TM
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB52N20TM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDB52N20TM Datasheet HTML 1Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 2Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 3Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 4Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 5Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 6Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 7Page - Fairchild Semiconductor FDB52N20TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FDB52N20 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 1.4mH, IAS = 52A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 52A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB52N20
FDB52N20TM
D2-PAK
330mm
24mm
800
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
200
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C--
0.2
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200V, VGS = 0V
VDS = 160V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 26A
--
0.041
0.049
gFS
Forward Transconductance
VDS = 40V, ID = 26A
(Note 4)
--
35
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
2230
2900
pF
Coss
Output Capacitance
--
540
700
pF
Crss
Reverse Transfer Capacitance
--
66
100
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100V, ID = 52A
RG = 25Ω
(Note 4, 5)
--
53
115
ns
tr
Turn-On Rise Time
--
175
359
ns
td(off)
Turn-Off Delay Time
--
48
107
ns
tf
Turn-Off Fall Time
--
29
68
ns
Qg
Total Gate Charge
VDS = 160V, ID = 52A
VGS = 10V
(Note 4, 5)
--
49
63
nC
Qgs
Gate-Source Charge
--
19
--
nC
Qgd
Gate-Drain Charge
--
24
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
52
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
204
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 52A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 52A
dIF/dt =100A/µs
(Note 4)
--
162
--
ns
Qrr
Reverse Recovery Charge
--
1.3
--
µC


Similar Part No. - FDB52N20TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB52N20TM FAIRCHILD-FDB52N20TM Datasheet
942Kb / 8P
   200V N-Channel MOSFET
FDB52N20TM FAIRCHILD-FDB52N20TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDB52N20TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com