Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6414A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA6414A
Description  BUS-CONTROLLED VIDEO MATRIX SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6414A Datasheet(HTML) 7 Page - STMicroelectronics

  TEA6414A Datasheet HTML 1Page - STMicroelectronics TEA6414A Datasheet HTML 2Page - STMicroelectronics TEA6414A Datasheet HTML 3Page - STMicroelectronics TEA6414A Datasheet HTML 4Page - STMicroelectronics TEA6414A Datasheet HTML 5Page - STMicroelectronics TEA6414A Datasheet HTML 6Page - STMicroelectronics TEA6414A Datasheet HTML 7Page - STMicroelectronics TEA6414A Datasheet HTML 8Page - STMicroelectronics TEA6414A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
22
µF
75
100k
220nF
100
µF
220nF
22
µF
220nF
220nF
220nF
220nF
220nF
10k
CBVS
CBVS
EN (BUS)
MAC
CVBS
CK (BUS)
CVBS
DA (BUS)
CVBS
CVBS
MAC
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
CVBS OUTPUT
T
E
A
6
4
1
4
A
100k
100k
75
10
CC
V
10V
75
10k
10k
10k
10k
10k
75
75
100k
75
75
75
TYPICAL APPLICATION
CROSSTALK IMPROVEMENT
1 - When any input is not used, it must be bypassed
to ground through a 220nF capacitor.
2 - An important improvement can be achieved
considering the input crosstalk by means of the
application (refer to technical note).
TEA6414A
7/9


Similar Part No. - TEA6414A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415CD STMICROELECTRONICS-TEA6415CD Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
More results

Similar Description - TEA6414A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
   I짼C bus-controlled video matrix switch
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
   Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
logo
STMicroelectronics
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
STMicroelectronics
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
   BUS-CONTROLLED AUDIO MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com