Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT153 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74ACT153
Description  Dual 4?묲nput Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT153 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74ACT153 Datasheet HTML 3Page - ON Semiconductor MC74ACT153 Datasheet HTML 4Page - ON Semiconductor MC74ACT153 Datasheet HTML 5Page - ON Semiconductor MC74ACT153 Datasheet HTML 6Page - ON Semiconductor MC74ACT153 Datasheet HTML 7Page - ON Semiconductor MC74ACT153 Datasheet HTML 8Page - ON Semiconductor MC74ACT153 Datasheet HTML 9Page - ON Semiconductor MC74ACT153 Datasheet HTML 10Page - ON Semiconductor MC74ACT153 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC153, MC74ACT153
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
3.0
7.0
11.5
2.0
13.5
ns
3−6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
7.0
11.5
2.5
13.5
ns
3−6
tPLH
Propagation Delay
En to Zn
5.0
2.0
6.5
10.5
2.0
12.5
ns
3−6
tPHL
Propagation Delay
En to Zn
5.0
3.0
6.0
9.5
2.5
11.0
ns
3−6
tPLH
Propagation Delay
In to Zn
5.0
2.5
5.5
9.5
2.0
11.0
ns
3−5
tPHL
Propagation Delay
In to Zn
5.0
2.0
5.5
9.5
2.0
11.0
ns
3−5
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
65
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
AC153
AWLYWW
MC74AC153N
AWLYYWW
AC
153
ALYW
ACT153
AWLYWW
ACT
153
ALYW
MC74ACT153N
AWLYYWW
DIP−16
SO−16
TSSOP−16
EIAJ−16
74AC153
ALYW
74ACT153
ALYW


Similar Part No. - MC74ACT153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT153DG ONSEMI-MC74ACT153DG Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT153DR2G ONSEMI-MC74ACT153DR2G Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT153DTR2G ONSEMI-MC74ACT153DTR2G Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com