Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H511638D-UC0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4H511638D-UC0
Description  512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H511638D-UC0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4H511638D-UC0 Datasheet HTML 3Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 4Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 5Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 6Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 7Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 8Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 9Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 10Page - Samsung semiconductor K4H511638D-UC0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. 0.3 June. 2005
DDR SDRAM
DDR SDRAM 512Mb D-die (x8, x16)
Preliminary
6.0 Block Diagram (16Mb x 8 / 8Mb x 16 I/O x4 Banks)
Bank Select
Timing Register
Data Input Register
Serial to parallel
8Mx16/ 4Mx32
8Mx16/ 4Mx32
8Mx16/ 4Mx32
Column Decoder
Latency & Burst Length
Programming Register
CK, CK
ADD
LCKE
CK, CK
CKE
CS
RAS
CAS
WE
CK, CK
LCAS
LRAS LCBR
LWE
LWCBR
CK, CK
x8/16/32
x16/32
x8/16
x8/16
LWE
LDM
(x8)
x8/16
DQi
Data Strobe
LUDM (x16)
LDM
(x8)
LUDM (x16)
DM Input Register
LDM
(x8)
LUDM (x16)
8Mx16/ 4Mx32


Similar Part No. - K4H511638D-UC0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D-UC/LA2 SAMSUNG-K4H511638D-UC/LA2 Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H511638D-UC/LB0 SAMSUNG-K4H511638D-UC/LB0 Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H511638D-UC/LB3 SAMSUNG-K4H511638D-UC/LB3 Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H511638D-UC/LCC SAMSUNG-K4H511638D-UC/LCC Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
More results

Similar Description - K4H511638D-UC0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com