Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD160F80 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DD160F80
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD160F80 Datasheet(HTML) 1 Page - SanRex Corporation

  DD160F80 Datasheet HTML 1Page - SanRex Corporation DD160F80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD160F
DIODE MODULE
92±0.5
12
18
M8×14
80±0.3
2
26
26
4-φ6(M5)
R8.0
Unit
:a
Symbol
Item
Ratings
DD160F40
400
480
DD160F80
800
960
DD160F120
DD160F160
1200
1300
1600
1700
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
°conduction, Tc:87℃
160
IF (RMS)
R.M.S. Forward Current
Single phase, half wave, 180
°conduction, Tc:87℃
250
A
IFSM
Surge Forward Current
1
2 cycle, 50/60HZ, peak value, non-repetitive
5000/5500
A
I2t
I2t
Value for one cycle of surge current
125000
A2S
VISO
Isolation Breakdown Voltage
(R.M.S) A.C.1minute
2500
V
Tj
Junction Temperature
−40 to +125
Tstg
Storage Temperature
Mounting
Torque
−40 to +125
Mounting
(M5)
Terminal
(M8)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 8.8-10
(90-105)
2.7
(28)
11
(115)
N
・m
(㎏f・B)
g
510
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave. Tj
=125℃
Ratings
50
1.42
0.18
Unit
mA
VFM
Forward Voltage Drop, max.
Forward current 500A
,Tj=25℃,Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
Power Diode Module DD160F series are designed for various rectifier circuits. DD160F
has two diode chips connected in series in a package and the mounting base is elctrically
isolated from elements for simple heatsink construction. Wide voltage rating up to,
1,600V is avaiable for various input voltage.
Isolated mounting base
Two elements in a package for simple (single and three phase) bridge
connections
Highly reliable glass passivated chips
High surge current capability
(Applications)
Various rectifiers, Battery chargers, DC motor drives
UL;E76102
(M)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
DD
SanRex
®


Similar Part No. - DD160F80

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DD160 COOPER-DD160 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Semtech Corporation
DD1600 SEMTECH-DD1600 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Diotec Semiconductor
DD1600 DIOTEC-DD1600 Datasheet
127Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
DD1600 DIOTEC-DD1600 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
DD1600 DIOTEC-DD1600 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
More results

Similar Description - DD160F80

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com