Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD160KB80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD160KB80
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD160KB80 Datasheet(HTML) 2 Page - SanRex Corporation

  DD160KB80 Datasheet HTML 1Page - SanRex Corporation DD160KB80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD160KB
Maximum Forward Characteristics
Forward Voltage Drop(V)
20
200
2000
50
500
5000
10
100
1000
10000
0.
0.
1.
1.
1.
1.
1.
2.
Per one element
j=25℃
Maximum
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
350
300
250
200
100
150
50
50
300
200
100
150
250
Three Phase
Single Phase
D.C.
Per one element
Average Forward Current(A)
Average Forward Current vs.
Allowable Case Temperature
150
120
30
60
90
50
100
200
250
300
150
Per one element
D.C.
Single Phase
Three Phase
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
3500
3000
2500
2000
1000
1500
500
20
50
100
10
Tj=25℃ start
60Hz
Per one element
j=25℃ Start
0.
0.
0.
0.
0.
002 0.
0050.
010.
02 0.
05 0.
1 0.
0.
0.
001
Transient Thermal Impedance
Time
t(sec)
20
10
50
Junction to Case
Per one element


Similar Part No. - DD160KB80

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD160KB SANREX-DD160KB Datasheet
99Kb / 2P
   DIODE MODULE
logo
Inchange Semiconductor ...
DD160KB160 ISC-DD160KB160 Datasheet
310Kb / 2P
   Diode Module
DD160KB160 ISC-DD160KB160_V01 Datasheet
310Kb / 2P
   Diode Module
More results

Similar Description - DD160KB80

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com