Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD200GB80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD200GB80
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD200GB80 Datasheet(HTML) 2 Page - SanRex Corporation

  DD200GB80 Datasheet HTML 1Page - SanRex Corporation DD200GB80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD200GB
Maximum Forward Characteristics
Forward Voltage Drop VF(V)
1.
1.
2.
3.
2.
10
10
10
Per one element
Tj=25℃∼150℃
Average Forward Current vs.
Power Dissipation
Average Forward Current IF(A)
500
400
300
200
100
50
100
150
200
250
300
350
D.C.
Three Phase
Single Phase
Per one element
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current IF(A)
150
140
130
120
110
100
90
80
70
60
50
50
100
150
200
250
300
350
Per one element
Three Phase Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
6000
5000
4000
3000
2000
1000
10
10
10
60Hz
j=25℃ start
50Hz
Per one element
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
-1
10
10
Maximum
Junction to Case
Per one element
Id(Aav.)
1200
1000
600
400
200
800
90
100
120
130
140
110
150
Output Current
B2;Two Pluse Bridge
connection
Ambient Temperature(℃)
Output Current(A)
0 100
400
300
200
25 50 75 100 125 150
Rth
(f-a)
:Thermal resistance
between fin and ambient
B2
Rth:0.5C/W
Rth:0.4C/W
Rth:0.3C/W
Rth:0.2C/W
Rth:0.1C/W
Rth:0.05C/W
Conduction Angle180
Id(Aav.)
Rth
(f-a)
:Thermal resistance
between fin and
    ambient
1750
1500
1000
750
500
250
1250
80
90
100
110
120
130
140
150
Output Current
B6;Six pulse Bridge
connection
Ambient Temperature(℃)
Output Current(A)
500
250
25 50 75 100 125 150
B6
Rth:0.5C/W
Rth:0.4C/W
Rth:0.3C/W
Rth:0.2C/W
Rth:0.1C/W
Rth:0.05C/W
Conduction Angle180
B6


Similar Part No. - DD200GB80

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD200 WTE-DD200 Datasheet
23Kb / 2P
   20A 8.4mm/9.5mm DISH DIODE
logo
Cooper Bussmann, Inc.
DD200 COOPER-DD200 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
DONGGUAN YOU FENG WEI E...
DD2000 YFWDIODE-DD2000 Datasheet
349Kb / 2P
   Fast recovery high voltage diodes
logo
SanRex Corporation
DD200HB SANREX-DD200HB Datasheet
95Kb / 2P
   DIODE MODULE
DD200HB120 SANREX-DD200HB120 Datasheet
95Kb / 2P
   DIODE MODULE
More results

Similar Description - DD200GB80

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com