Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD250HB120 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD250HB120
Description  DIODE MODULE (F.R.D.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD250HB120 Datasheet(HTML) 2 Page - SanRex Corporation

  DD250HB120 Datasheet HTML 1Page - SanRex Corporation DD250HB120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD250HB
Maximum Forward Characteristics
1.
1.
2.
2.
10
10
10
Forward Voltage Drop VF(V)
Tj=25℃∼150℃
Average Forward Current vs.
Power Dissipation
Average Forward Current IF(A)
600
500
400
300
100
200
100
200
300
400
D.C.
Three Phase
Single Phase
Per one element
Average Forward Current IF(A)
Average Forward Current vs.
Allowable Case Temperature
150
125
100
75
50
100
200
300
400
Three Phase
Single Phase
D.C.
Per one element
Cycle Surge Forward Current Rating
(Non-Repetitive)
6000
5000
4000
3000
2000
1000
10
10
10
50Hz
60Hz
j=25℃ start
Per one element
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
-1
10
10
Junction to Case
Per one element
Maximum
SanRex
®


Similar Part No. - DD250HB120

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD250 WTE-DD250 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD250 WTE-DD250 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
logo
SanRex Corporation
DD250GB SANREX-DD250GB Datasheet
94Kb / 2P
   DIOEDE MODULE (F.R.D)
DD250GB40 SANREX-DD250GB40 Datasheet
94Kb / 2P
   DIOEDE MODULE (F.R.D)
DD250GB80 SANREX-DD250GB80 Datasheet
94Kb / 2P
   DIOEDE MODULE (F.R.D)
More results

Similar Description - DD250HB120

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FRS200CA100 SANREX-FRS200CA100 Datasheet
90Kb / 2P
   DIODE MODULE(F.R.D.)
FRG25CA120 SANREX-FRG25CA120 Datasheet
99Kb / 2P
   DIODE MODULE (F.R.D.)
FRG25BA60 SANREX-FRG25BA60 Datasheet
293Kb / 2P
   DIODE MODULE (F.R.D.)
FRS300CA50 SANREX-FRS300CA50 Datasheet
102Kb / 2P
   DIODE MODULE (F.R.D.)
FRS400EA180 SANREX-FRS400EA180 Datasheet
104Kb / 2P
   DIODE MODULE (F.R.D)
FRD100BA60 SANREX-FRD100BA60 Datasheet
294Kb / 2P
   DIODE MODULE(F.R.D)
FDF25CA100 SANREX-FDF25CA100 Datasheet
266Kb / 2P
   DIODE MODULE (F.R.D.)
FDF60BA60 SANREX-FDF60BA60 Datasheet
99Kb / 2P
   DIODE MODULE F.R.D
DD250GB40 SANREX-DD250GB40 Datasheet
94Kb / 2P
   DIOEDE MODULE (F.R.D)
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com