Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT157N Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT157N
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT157N Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT157N Datasheet HTML 1Page - ON Semiconductor MC74ACT157N Datasheet HTML 2Page - ON Semiconductor MC74ACT157N Datasheet HTML 3Page - ON Semiconductor MC74ACT157N Datasheet HTML 4Page - ON Semiconductor MC74ACT157N Datasheet HTML 5Page - ON Semiconductor MC74ACT157N Datasheet HTML 6Page - ON Semiconductor MC74ACT157N Datasheet HTML 7Page - ON Semiconductor MC74ACT157N Datasheet HTML 8Page - ON Semiconductor MC74ACT157N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 6
1
Publication Order Number:
MC74AC157/D
MC74AC157, MC74ACT157
Quad 2−Input Multiplexer
The MC74AC157/74ACT157 is a high−speed quad 2−input
multiplexer. Four bits of data from two sources can be selected using
the common Select and Enable inputs. The four outputs present the
selected data in the true (noninverted) form.
The MC74AC157/74ACT157 can also be used as a function
generator.
Features
Outputs Source/Sink 24 mA
ACT157 Has TTL Compatible Inputs
Pb−Free Packages are Available*
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
E
I0c
I1c
Zc
I0d
I1d
Zd
SI0a
I1a
Za
I0b
I1b
Zb
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
TRUTH TABLE
Inputs
Outputs
E
S
I0
I1
Z
H
X
X
X
L
L
H
X
L
L
L
H
X
H
H
L
L
L
X
L
L
L
H
X
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−16
N SUFFIX
CASE 648
1
16
SOIC−16
D SUFFIX
CASE 751B
1
16
TSSOP−16
DT SUFFIX
CASE 948F
1
16
See general marking information in the device marking
section on page 3 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
FUNCTION
PIN NAMES
I0a−I0d
I1a−I1d
PIN
Source 0 Data Inputs
E
S
Source 0 Data Inputs
Enable Input
Select Input
Outputs
Za−Zd
http://onsemi.com


Similar Part No. - MC74ACT157N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT157DG ONSEMI-MC74ACT157DG Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT157DR2G ONSEMI-MC74ACT157DR2G Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT157DTR2G ONSEMI-MC74ACT157DTR2G Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT157N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com