Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF250A40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # MDF250A40
Description  DIODE(NON-ISOLATED TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

MDF250A40 Datasheet(HTML) 2 Page - SanRex Corporation

  MDF250A40 Datasheet HTML 1Page - SanRex Corporation MDF250A40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
MDF(R)250A
Maximum Forward Characteristics
1.
2.
Forward Voltage Drop(V)
10
10
Average Forward Current vs.
Power Dissipation
100
500
200
400
300
400
300
200
100
Average Forward Current(A)
Three Phase
Single Phase
D.C.
160
140
120
100
80
60
300
100
200
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
Three Phase
Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
2000
4000
3000
5000
4500
3500
2500
10
20
50
100
60Hz
Tj=25℃ start
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
10
10
-1
Junction to case
SanRex
®


Similar Part No. - MDF250A40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
More results

Similar Description - MDF250A40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF150A30 SANREX-MDF150A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF200A30 SANREX-MDF200A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF100A30 SANREX-MDF100A30 Datasheet
90Kb / 2P
   DIODE(NON-ISOLATED TYPE)
logo
Diodes Incorporated
DKR200AB60 DIODES-DKR200AB60 Datasheet
102Kb / 2P
   DIODE MODULE( NON-ISOLATED TYPE )
logo
SanRex Corporation
BKR400ABZ50 SANREX-BKR400ABZ50 Datasheet
93Kb / 2P
   SCHOTTKY DIODE MODULE (NON-ISOLATED TYPE)
logo
Murata Manufacturing Co...
MYPMA01218RCF-CCB MURATA1-MYPMA01218RCF-CCB Datasheet
793Kb / 8P
   Non-isolated type
2018
MYPMA01218RCF-CAB MURATA1-MYPMA01218RCF-CAB Datasheet
547Kb / 6P
   Non-isolated type
October 6, 2022
logo
SanRex Corporation
TMG12C60 SANREX-TMG12C60 Datasheet
105Kb / 2P
   TRIAC (NON-ISOLATED TYPE)
TMG8C60 SANREX-TMG8C60 Datasheet
115Kb / 2P
   TRIAC(NON-ISOLATED TYPE)
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
   TRIAC(NON-ISOLATED TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com