Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD200FG120 Datasheet(PDF) 1 Page - SanRex Corporation

Part # PD200FG120
Description  THYRISTOR/DIODE (ISOLATED TYPE)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD200FG120 Datasheet(HTML) 1 Page - SanRex Corporation

  PD200FG120 Datasheet HTML 1Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SanRex
SanRex
THYRISTOR / DIODE (ISOLATED TYPE)
PK(PD) 200FG40/80/120/160
IT(AV) = 200A, VRRM = 400 - 1600V
SanRex Thyristor/Thyristor modules (PK series), Thyristor/
Diode modules (PD series) are designed for general purpose
high voltage applications such as motor controls, temperature
controls, lighting controls and UPS.
Features
* Glass-passivated junctions Features
* High Surge Current
* Low loss (VTM=1.5V)
Typical Applications
* Motor Controls
* Temperature Controls
* Lighting Controls
< Maximum Ratings >
(Tj = 25
°C unless otherwise noted)
Ratings
Symbol
Item
PK200FG40
PK200FG80
PK200FG120
PK200FG160
Unit
VRRM
Repetitive Peak Reverse Voltage
400
800
1200
1600
V
VRSM
Non-Repetitive Peak Reverse Voltage
480
960
1300
1700
V
VDRM
Repetitive Peak Off-state Voltage
400
800
1200
1600
V
I T(AV)
Average On-state Current
T C = 78°C
200
A
I T(RMS)
R.M.S. On-state Current
T C = 78°C
314
A
I TSM
Surge On-state Current
1/2 cycle, 50Hz/60Hz, Peak value,
Non-repetitive
6000/6500
A
I
2 t
I
2 t (for fusing)
Value for one cycle surge current
180000
A
2 s
PGM
Peak Gate Power Dissipation
10
W
PG(AV)
Average Gate Power Dissipation
3
W
I FGM
Peak Gate Current
3
A
VFG M
Peak Gate Voltage (Forward)
10
V
VRG M
Peak Gate Voltage (Reverse)
5
V
di/dt
Critical Rate of Rise of On-state Current
I G=100mA, VD=1/2VDRM, dig/dt=0.1A/
Fs
200
A/
Fs
V ISO
Isolation Breakdown Voltage
A.C. 1 minute
2500
Tj
Operating Junction Temperature
-40 to +125
°C
T s t g
Storage Temperature
-40 to +125
°C
Mounting M6
Recommended Value 2.5 to 3.9
4.7
Mounting
Torque
Terminals M6
Recommended Value 2.5 to 3.9
4.7
N*m
Mass
Typical Value
210
g
< Electrical Characteristics >
(Tj = 25
°C unless otherwise noted)
Ratings
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
I DRM
Repetitive Peak Off-state Current
Tj = 125°C, VD = VDRM
50
mA
I RRM
Repetitive Peak Reverse Current
Tj = 125°C, VR = VRRM
50
mA
VTM
Peak On-State Voltage
I T = 600A
1.5
V
IGT
Gate Trigger Current
VD=6V, IT=1A
100
mA
VGT
Gate Trigger Voltage
VD=6V, IT=1A
3
V
VG D
Non-Trigger Gate Voltage
Tj = 125
°C, VD=1/2VDRM
0.25
V
dv/dt
Critical Rate of Rise of Off-state Voltage
Tj = 125
°C, VD=2/3VDRM
500
V/
Fs
Rth(j-c)
Thermal Resistance
Junction to case
0.167
°C/W
_____________________________________________________________________________________________________________________
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516) 625-1313 FAX(
516) 625-8845 E-mail: semi@sanrex.com
PK series
PD series


Similar Part No. - PD200FG120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PD200 VISHAY-PD200 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
STMicroelectronics
PD20010-E STMICROELECTRONICS-PD20010-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD20010S-E STMICROELECTRONICS-PD20010S-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD20010STR-E STMICROELECTRONICS-PD20010STR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
More results

Similar Description - PD200FG120

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PK160FG40 SANREX-PK160FG40 Datasheet
58Kb / 1P
   THYRISTOR/DIODE(ISOLATED TYPE)
SG25AA40 SANREX-SG25AA40 Datasheet
106Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
List of Unclassifed Man...
SG25AA ETC-SG25AA Datasheet
119Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
SanRex Corporation
SG16AA60 SANREX-SG16AA60 Datasheet
116Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
   THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
DG20AA SANREX-DG20AA Datasheet
93Kb / 2P
   DIODE(ISOLATED MOLD TYPE)
MDF250A30 SANREX-MDF250A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com