Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2D60D Datasheet(PDF) 1 Page - SanRex Corporation

Part # SMG2D60D
Description  THYRISTOR(Surface Mount Device/Non-isolated)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SMG2D60D Datasheet(HTML) 1 Page - SanRex Corporation

  SMG2D60D Datasheet HTML 1Page - SanRex Corporation SMG2D60D Datasheet HTML 2Page - SanRex Corporation SMG2D60D Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMG2D60D
(Sensitive Gate)
THYRISTOR(Surface Mount Device/Non-isolated)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
VRRM
Repetitive Peak Reverse Voltage
600
V
Symbol
Item
Reference
Ratings
3.1
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Single phase, half wave, 180
°
, conduction, Tc
=108℃
VRSM
Non-Repetitive Peak Reverse Voltage
720
V
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
2
A
Single phase, half wave, 180
°
, conduction, Tc
=108℃
50Hz/60Hz, 1
2 cycle Peak value, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage
(Forward)
A
30/33
A
4.5
0.5
A2S
W
0.1
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
0.3
W
A
6
V
VRGM
Peak Gate Voltage
(Reverse)
6
V
−40∼+125
−40∼+150
0.32
g
■Electrical Characteristics
IDRM
Repetitive Peak Off-State Current
1
1
1.5
1
200
0.8
0.1
3.5
5.8
mA
Symbol
Item
Reference
Ratings
Unit
VGT
Gate Trigger Voltage
VGD
Non-Trigger Gate Voltage
Tj
=125℃, VD=VDRM, RGK=220Ω
IRRM
Repetitive Peak Reverse Current
mA
Tj
=125℃, VR=VRRM, RGK=220Ω
VTM
Peak On-State Voltage
V
IT
=6A, Inst. measurement
IGT
Gate Trigger Current
μA
VD
=6V, RL=10Ω
Tj
=125℃, VD12VDRM, RGK=220kΩ
IH
Holding Current
Rthj-c
Thermal Resistance
RGK
=220Ω
V
V
Junction to case
mA
℃/W
2
2
6.60 
±
0.20
5.34 
±
0.30
2.30 
±
0.20
2.30 
±
0.20
2.30 
±
0.20
2.30 
±
0.10
0.76 
±
0.20
0.96 
±
0.20
0.50 
±
0.10
0.50 
±
0.10
(5.34)
(0.9)
1.02 
±
0.20
TC POINT
1 K
2 A
3 Gate
1
2
3
3
2
1
Min.
Typ.
Max.
Identifying Code
S2D6D
TO-252
Thyristor SMG2D60D is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Electric Blankets, Starter for FL, other control applications
Industrial Use
: SMPS, Solenoid for Breakers, Motor Controls, Heater
Controls, other control applications
Features
IT(AV)=2A
High Surge Current
Low Voltage Drop
Lead-Free Package
Unit
mm
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - SMG2D60D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SMG2D60D KERSEMI-SMG2D60D Datasheet
1Mb / 3P
   Thyristor
More results

Similar Description - SMG2D60D

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG5C60D SANREX-SMG5C60D Datasheet
463Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG5F60D SANREX-SMG5F60D Datasheet
136Kb / 3P
   THYRISTOR (Surface Mount Device/Non-isolated)
SMG08C60A SANREX-SMG08C60A Datasheet
476Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG05C60A SANREX-SMG05C60A Datasheet
459Kb / 2P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG12C60H SANREX-SMG12C60H Datasheet
462Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG5D60D SANREX-SMG5D60D Datasheet
464Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG16C60H SANREX-SMG16C60H Datasheet
464Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG3D60D SANREX-SMG3D60D Datasheet
465Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG5C60H SANREX-SMG5C60H Datasheet
463Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
SMG8C60H SANREX-SMG8C60H Datasheet
463Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com