Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4099B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4099B
Description  8 BIT ADDRESSABLE LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4099B Datasheet HTML 2Page - STMicroelectronics HCF4099B Datasheet HTML 3Page - STMicroelectronics HCF4099B Datasheet HTML 4Page - STMicroelectronics HCF4099B Datasheet HTML 5Page - STMicroelectronics HCF4099B Datasheet HTML 6Page - STMicroelectronics HCF4099B Datasheet HTML 7Page - STMicroelectronics HCF4099B Datasheet HTML 8Page - STMicroelectronics HCF4099B Datasheet HTML 9Page - STMicroelectronics HCF4099B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HCF4099B
6/14
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
See Timing Chart
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Data to Output)
5
(1)
200
400
ns
10
75
150
15
50
100
tPLH tPHL Propagation Delay Time
(Write Disable to Output)
5
(2)
200
400
ns
10
80
160
15
60
120
tPLH tPHL Propagation Delay Time
(Address to Output)
5
(9)
225
450
ns
10
100
200
15
75
150
tPHL
Propagation Delay Time
(Reset to Output)
5
(3)
175
350
ns
10
80
160
15
65
130
tTHL tTLH Transition Time
(any output)
5
100
200
ns
10
50
100
15
40
80
tW
Pulse WIdth (Data)
5
(4)
200
100
ns
10
100
50
15
80
40
tW
Pulse WIdth (Address)
5
(8)
400
200
ns
10
200
100
15
125
65
tW
Pulse WIdth (Reset)
5
(5)
150
75
ns
10
75
40
15
50
25
tsetup
Setup Time
(Data to Write Disable)
5
(6)
100
50
ns
10
50
25
15
35
20
thold
Hold Time
(Data to Write Disable)
5
(7)
150
75
ns
10
75
40
15
50
25


Similar Part No. - HCF4099B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4099B STMICROELECTRONICS-HCF4099B Datasheet
303Kb / 14P
   8-BIT ADDRESSABLE LATCH
HCF4099BC1 STMICROELECTRONICS-HCF4099BC1 Datasheet
303Kb / 14P
   8-BIT ADDRESSABLE LATCH
HCF4099BEY STMICROELECTRONICS-HCF4099BEY Datasheet
303Kb / 14P
   8-BIT ADDRESSABLE LATCH
HCF4099BM1 STMICROELECTRONICS-HCF4099BM1 Datasheet
303Kb / 14P
   8-BIT ADDRESSABLE LATCH
More results

Similar Description - HCF4099B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com