Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-2689 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-2689
Description  Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-2689 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-2689 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-2689 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Reset is initiated externally with
the assertion of the RSTN pin.
Before asserting the RSTN pin, the
power supply to the chip and the
reference clock (RFCP/N) must be
stable for at least 20
µs. The RSTN
pin must be held low for at least
100 ns. After reset is de-asserted,
500
µs must elapse before initiat-
ing MDIO transactions (see Figure
13). Note that the transmit byte
clocks (TCn) should be running
and stable when reset is released
to minimize the variation in
transmit latency.
Power Management
The HDMP-2689 incorporates the
ability to power down any
channel which is unused. Both
the channel and the associated
output driver should be disabled
by programming the unused
channel’s register 24, bit 0 and
register 26, bit 7 both to logic 0.
Additionally, the HDMP-2689
does not require a particular
power turn-on sequence.
Power Supply Decoupling
Recommended power supply
filtering and placement of
decoupling capacitors for the
HDMP-2689 are shown in Figure
22 and Figure 23.
Test
The HDMP-2689 has several
features to facilitate testing,
including boundary scan, SerDes
self-test, and loopback for link
debugging. Boundary scan is
implemented according to the
IEEE 1149.1 standard. The
instructions listed in Table 7 are
supported. The HDMP-2689 also
provides self-test capabilities
with user-entered patterns or on-
chip generation of pseudo-
random bit streams (PRBS 27– 1).
The patterns can be looped back
either internally or externally
from the transmit serializer to
the receive deserializer and are
verified within the chip. These
self-test mechanisms are initi-
ated and the error status re-
ported through the MII manage-
ment interface. To run a self-test,
first select the pattern or set of
patterns, then configure the
loopback and check the results.
Once enabled, the test pattern is
sent continuously. To select a
user-defined pattern:
• Disable comma alignment by
programming bit 1 of register
24 to logic 0.
• Program the pattern (any
pattern except all 0’s or all 1’s)
into bits 9 through 0 of register
25.
• To alternate the user pattern
with its inverse, program bit 11
of register 25 to logic 1.
• Program bit 10 of register 25 to
a logic 1 to enable the user
register pattern to be sent.
To select PRBS data:
• Disable comma alignment by
programming bit 1 of register
24 to logic 0.
• Program a non-zero seed for
the pattern generator into bits
9 through 0 of register 25.
• To send the PRBS pattern
inverted, program bit 11 of
register 25 to logic 1.
• Program bit 12 of register 25 to
a logic one to enable the PRBS
pattern to be sent.
• To see the recovered PRBS
data on the parallel interface,
comma edge alignment should
be disabled by programming bit
13 of register 17 to logic 0.
To run the self-test with either
external or internal loopback:
• Set up either a user-defined
pattern or PRBS data as
outlined above.
• To run with internal loopback,
program bit 13 of register 25 to
logic 1.
• To run with external loopback,
connect the high-speed output
of the channel being tested
(TXAP/N, TXBP/N, TXCP/N,
TXDP/N) back to its high speed
input (RXAP/N, RXBP/N,
RXCP/N, RXDP/N). Bit 13 of
register 25 must be logic 0
(default value after reset).
• Program bit 14 of register 25 to
logic 0 if it is not already zero
(default value after a reset). Bit
12 of register 27 (pattern
failure detect) and bit 11 of
register 27 (test run complete)
should both now be logic 0.
• Program bit 14 of register 25
(pattern error monitor enable)
to logic 1. This starts the
pattern checking process. For a
PRBS pattern 2 9 bytes are
checked before the test is
considered complete.
• Monitor bit 11 of register 27 to
determine if a sufficient
number of cycles have elapsed
for test completion. When this
bit is logic 1, bit 12 of register
27 signals pass (logic 0) or fail
(logic 1).
To allow link debugging:
• Configure the HDMP-2689 for
internal loopback (data pro-
vided at the parallel input is
looped back to the parallel
output after traversing the
chip) via management interface
register 25 bit 13. Note that for
internal loopback in codec
mode the receiver sees a loss of
signal and error bit 9 (see Table
2) is set, unless the high speed
inputs (ignored for internal
loopback) are being driven.


Similar Part No. - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-2634 HP-HDMP-2634 Datasheet
258Kb / 23P
   2.5/1.25 GBd Serdes Circuit
More results

Similar Description - HDMP-2689

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII2024 SILICONIMAGE-SII2024 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Silicon image
SIIPB0029 SILICONIMAGE-SIIPB0029 Datasheet
995Kb / 2P
   Fibre Channel Quad SerDes
logo
Broadcom Corporation.
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com