Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9179L9PFI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70V9179L9PFI
Description  HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9179L9PFI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70V9179L9PFI Datasheet HTML 1Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 2Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 3Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9179L9PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6.42
IDT70V9179L
High-Speed 3.3V 32K x 9 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
3
Preliminary
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, CNTRST = X.
3.
OE is an asynchronous input signal.
Truth Table I—Read/Write and Enable Control(1,2,3)
Pin Names
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A14L
A0R - A14R
Address
I/O0L - I/O8L
I/O0R - I/O8R
Data Input/Output
CLKL
CLKR
Clock
ADSL
ADSR
Address Strobe Enable
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT/PIPEL
FT/PIPER
Flow-Through / Pipeline
VDD
Power (3.3V)
VSS
Ground (0V)
5645 tbl 01
OE
CLK
CE0
CE1
R/
W
I/O0-8
MODE
X
H
X
X
High-Z
Deselected–Power Down
X
X
L
X
High-Z
Deselected–Power Down
X
LH
L
DATAIN
Write
L
LH
H
DATAOUT
Read
H
X
L
H
X
High-Z
Outputs Disabled
5645 tbl 02
Truth Table II—Address Counter Control(1,2,6)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
CE0 and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode; if outputs are in Pipelined mode the data out will be delayed by one cycle.
4.
ADS and CNTRST are independent of all other signals including CE0 and CE1.
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0 and CE1.
6. While an external address is being loaded (
ADS = VIL), R/W = VIH is recommended to ensure data is not written arbitrarily.
Address
Previous
Address
Addr
Used
CLK(6)
ADS
CNTEN
CNTRST
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Addre ss Blocked—Counter disabled (An + 1 reused)
XX
Ao
XX
L(4)
DI/O(0)
Counter Reset to Address 0
5645 tbl 03


Similar Part No. - IDT70V9179L9PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9179L9PFI IDT-IDT70V9179L9PFI Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9179L9PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9169 RENESAS-IDT70V9169 Datasheet
334Kb / 17P
   HIGH-SPEED 3.3V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com