Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5991A-5JI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5991A-5JI
Description  PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5991A-5JI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5991A-5JI Datasheet HTML 1Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 2Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 3Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 4Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 5Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 6Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 7Page - Integrated Device Technology IDT5991A-5JI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT5991A
PROGRAMMABLESKEWPLLCLOCKDRIVERTURBOCLOCK
PIN CONFIGURATION
NOTE:
1. Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
Supply Voltage to Ground
–0.5 to +7
V
VI
DC Input Voltage
–0.5 to +7
V
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
–65 to +150
°C
NOTE:
1. Capacitance applies to all inputs except TEST, FS, and nF1:0.
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Typ.
Max.
Unit
CIN
InputCapacitance
5
7
pF
PIN DESCRIPTION
Pin Name
Type
Description
REF
IN
ReferenceClockInput
FB
IN
FeedbackInput
TEST(1)
IN
When MID or HIGH, disables PLL (except for conditions of Note 1). REF goes to all outputs. Skew selections (see Control
SummaryTable)remainineffect. SetLOWfornormaloperation.
GND/ sOE (1)
IN
Synchronous Output Enable. When HIGH, it stops clock outputs (except 3Q0 and 3Q1) in a LOW state - 3Q0 and 3Q1may be used as
thefeedbacksignaltomaintainphaselock. WhenTESTisheldatMIDlevelandGND/sOEisHIGH,thenF[1:0]pinsactasoutputdisable
controls for individual banks when nF[1:0] = LL. Set GND/sOE LOW for normal operation.
VCCQ/PE
IN
Selectablepositiveornegativeedgecontrol. WhenLOW/HIGHtheoutputsaresynchronizedwiththenegative/positiveedge ofthe
referenceclock.
nF[1:0]
IN
3-level inputs for selecting 1 of 9 skew taps or frequency functions
FS
IN
Selectsappropriateoscillatorcircuitbasedonanticipatedfrequencyrange. (SeePLLProgrammableSkewRange.)
nQ[1:0]
OUT
Fourbanksoftwooutputswithprogrammableskew
VCCN
PWR
Powersupplyforoutputbuffers
VCCQ
PWR
Powersupplyforphase lockedloop and other internal circuitry
GND
PWR
Ground
NOTE:
1.When TEST = MID and GND/sOE = HIGH, PLL remains active with nF[1:0] = LL functioning as an output disable control for individual output banks. Skew selections remain
in effect unless nF[1:0] = LL.
PLCC
TOP VIEW
Output skew with respect to the REF input is adjustable to compensate
for PCB trace delays, backplane propagation delays or to accommodate
requirements for special timing relationships between clocked compo-
nents. Skew is selectable as a multiple of a time unit tU which is of the
order of a nanosecond (see PLL Programmable Skew Range and Resolution
Table). There are nine skew configurations available for each output
pair. These configurations are chosen by the nF1:0 control pins. In order
to minimize the number of control pins, 3-level inputs (HIGH-MID-LOW)
are used, they are intended for but not restricted to hard-wiring. Undriven
3-level inputs default to the MID level. Where programmable skew is
not a requirement, the control pins can be left open for the zero skew
default setting. The Control Summary Table shows how to select specific
skew taps by using the nF1:0 control pins.
PROGRAMMABLESKEW
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
3F1
4F0
4F1
VCCQ/PE
4Q1
4Q0
GND
GND
2F0
GND/sOE
1F1
1F0
1Q0
1Q1
GND
GND
4
3
2
1
32
31
30
14
15
16
17
18
19
20
VCCN
VCCN


Similar Part No. - IDT5991A-5JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59910A-2SO IDT-IDT59910A-2SO Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59910A-2SOI IDT-IDT59910A-2SOI Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59910A-5SO IDT-IDT59910A-5SO Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59910A-5SOI IDT-IDT59910A-5SOI Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
More results

Similar Description - IDT5991A-5JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com