Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4053-4.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4053-4.2
Description  USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4053-4.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4053-4.2 Datasheet HTML 4Page - Linear Technology LTC4053-4.2 Datasheet HTML 5Page - Linear Technology LTC4053-4.2 Datasheet HTML 6Page - Linear Technology LTC4053-4.2 Datasheet HTML 7Page - Linear Technology LTC4053-4.2 Datasheet HTML 8Page - Linear Technology LTC4053-4.2 Datasheet HTML 9Page - Linear Technology LTC4053-4.2 Datasheet HTML 10Page - Linear Technology LTC4053-4.2 Datasheet HTML 11Page - Linear Technology LTC4053-4.2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4053-4.2
8
4053fa
The LTC4053 is a linear battery charger designed primarily
for charging single cell lithium-ion batteries. Featuring an
internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current and a programmable timer for
charge termination. Charge current can be programmed
up to 1.25A with a final float voltage accuracy of
±1%. No
blocking diode or sense resistor is required thus dropping
the external component count to three for the basic
charger circuit. The CHRG, ACPR, and FAULT open-drain
status outputs provide information regarding the status of
the LTC4053 at all times. An NTC thermistor input pro-
vides the option of charge qualification using battery
temperature.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 105
°C. This feature protects
the LTC4053 from excessive temperature, and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the LTC4053
or the external components. Another benefit of the LTC4053
thermal limit is that charge current can be set according to
typical, not worst-case, ambient temperatures for a given
application with the assurance that the charger will auto-
matically reduce the current in worst-case conditions.
The charge cycle begins when the voltage at the VCC pin
rises above the UVLO level, a program resistor is con-
nected from the PROG pin to ground, and the SHDN pin is
pulled above the shutdown threshold. At the beginning of
the charge cycle, if the battery voltage is below 2.48V, the
charger goes into trickle charge mode to bring the cell
voltage up to a safe level for charging. The charger goes
into the fast charge constant-current mode once the
voltage on the BAT pin rises above 2.48V. In constant-
current mode, the charge current is set by RPROG.
When the battery approaches the final float voltage, the
charge current begins to decrease as the LTC4053 enters
the constant-voltage mode. When the current drops to
10% of the full-scale charge current, an internal compara-
tor latches off the MOSFET on the CHRG pin and connects
a weak current source to ground (30
µA) to indicate a near
end-of-charge (C/10) condition. The C/10 latch can be
cleared by grounding the SHDN pin momentarily, or
momentarily removing and reapplying VCC.
An external capacitor on the TIMER pin sets the total
charge time. When this time elapses, the charge cycle
terminates and the CHRG pin assumes a high impedance
state. To restart the charge cycle, remove the input voltage
and reapply it, or momentarily force the SHDN pin to 0V.
The charge cycle will also restart if the BAT pin voltage falls
below the recharge threshold.
For lithium-ion and similar batteries that require an accu-
rate final float voltage, the internal reference, voltage
amplifier and the resistor divider provide regulation with
±1% (max) accuracy.
When the input voltage is not present, the charger goes
into a sleep mode, dropping battery drain current, IBAT, to
less than 5
µA.Thisgreatlyreducesthecurrentdrainonthe
battery and increases the standby time. The charger can be
shut down (ICC = 25µA) by forcing the SHDN pin to 0V.
OPERATIO


Similar Part No. - LTC4053-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC4053-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733 Datasheet
169Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com