Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4053EDD-4.2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4053EDD-4.2
Description  USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4053EDD-4.2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4053EDD-4.2 Datasheet HTML 6Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 7Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 8Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 9Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 10Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 11Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 12Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 13Page - Linear Technology LTC4053EDD-4.2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4053-4.2
10
4053fa
Programming The Timer
The programmable timer is used to terminate the charge
cycle. The timer duration is programmed by an external
capacitor at the TIMER pin. The total charge time is:
Time (Hours) = (3 Hours) • (CTIMER/0.1µF) or
CTIMER = 0.1µF • Time (Hours)/3 (Hours)
The timer starts when an input voltage greater than the
undervoltage lockout threshold level is applied and the
SHDN pin is greater than the manual shutdown threshold
voltage level. After a time-out occurs, the charge current
stops, and the CHRG output assumes a high impedance
state to indicate that the charging has stopped. Connect-
ing the TIMER pin to ground disables the timer function.
Recharge
After a charge cycle has terminated, if the battery voltage
drops below the recharge threshold of 4.05V a new charge
cycle will begin. The recharge circuit integrates the BAT
pin voltage for a few milliseconds to prevent a transient
from restarting the charge cycle.
If the battery voltage remains below 2.48V during trickle
charge for 1/4 of the programmed time, the battery may be
defective and the charge cycle will end. In addition, the
recharge comparator is disabled and a new charge cycle
will not begin unless the input voltage is toggled off-then-
on, the SHDN pin is momentarily pulled to ground, or the
BAT pin is pulled above the 2.48V trickle charge threshold.
Open-Drain Status Outputs
The LTC4053 has three open-drain status outputs: ACPR,
CHRG and FAULT. The ACPR pin pulls low when an input
voltage greater than the undervoltage lockout threshold is
applied and becomes high impedance when power (VIN <
VUV) is removed. CHRG and FAULT work together to
indicate the status of the charge cycle. Table 1 describes
the status of the charge cycle based on the CHRG and
FAULT outputs.
APPLICATIO S I FOR ATIO
Table 1.
FAULT
CHRG
Description
High
Low
Charge cycle has started, C/10 has not been
reached and charging is proceeding normally.
Low
Low
Charge cycle has started, C/10 has not been
reached, but the charge current and timer
have been paused due to an NTC out-of-
temperature condition.
High
30
µA
C/10 has been reached and charging is
pull-down
proceeding normally.
Low
30
µA
C/10 has been reached but the charge current
pull-down
and timer have paused due to an NTC out-of-
temperature condition.
High
High
Normal timeout (charging has terminated).
Low
High
If FAULT goes low and CHRG goes high
impedance simultaneously, then the LTC4053
has timed out due to a bad cell (VBAT <2.48V
after one-quarter the programmed charge time).
If CHRG goes high impedance first, then
the LTC4053 has timed out normally (charging
has terminated), but NTC is indicating an out-
of-temperature condition.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET capable of
driving an LED. When the charge current drops to 10% of
the full-scale current (C/10), the N-channel MOSFET is
latched off and a weak 30
µA current source to ground is
connected to the CHRG pin. After a time-out occurs,
the pin assumes a high impedance state. By using two
different value pull-up resistors a microprocessor can
detect three states from this pin (charging, C/10 and time-
out). See Figure 3.
When the LTC4053 is in charge mode, the CHRG pin is
pulled low by the internal N-channel MOSFET. To detect
this mode, force the digital output pin, OUT, high and
measure the voltage at the CHRG pin. The N-channel
MOSFET will pull the pin low even with the 2k pull-up
resistor. Once the charge current drops to 10% of the


Similar Part No. - LTC4053EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4053 LINER-LTC4053 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC4053EDD-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
   USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733 Datasheet
169Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
   Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
   Independent linear lithium battery charger with thermal regulation function
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
   Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com