Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G126DFT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC1G126DFT1
Description  Noninverting 3?뭆tate Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G126DFT1 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC1G126DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G126DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G126DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G126DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G126DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G126DFT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC1G126
http://onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A / SOT−353 / SC70
CASE 419A−02
ISSUE H
mm
inches
SCALE 20:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748


Similar Part No. - MC74VHC1G126DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G126DFT1 ONSEMI-MC74VHC1G126DFT1 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
More results

Similar Description - MC74VHC1G126DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125_07 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 15
MC74VHC1G126 ONSEMI-MC74VHC1G126_07 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G125 FS-FC74VHC1G125 Datasheet
537Kb / 6P
   Noninverting 3?뭆tate Buffer
logo
ON Semiconductor
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74HC125ADG ONSEMI-MC74HC125ADG Datasheet
121Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
74HC125 ONSEMI-74HC125 Datasheet
132Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com