Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74VHC1G126DFT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # M74VHC1G126DFT1G
Description  Noninverting 3?뭆tate Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1G126DFT1G Datasheet(HTML) 2 Page - ON Semiconductor

  M74VHC1G126DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1G126
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristics
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
VCC = 0
High or Low State
−0.5 to 7.0
−0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
VOUT < GND; VOUT > VCC
+20
mA
IOUT
DC Output Current, per Pin
+25
mA
ICC
DC Supply Current, VCC and GND
+50
mA
PD
Power dissipation in still air
SC−88A, TSOP−5
200
mW
qJA
Thermal resistance
SC−88A, TSOP−5
333
°C/W
TL
Lead temperature, 1 mm from case for 10 s
260
°C
TJ
Junction temperature under bias
+150
°C
Tstg
Storage temperature
−65 to +150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
> 2000
> 200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
±500
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A
2. Tested to EIA/JESD22−A115−A
3. Tested to JESD22−C101−A
4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
VCC
V
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
Device Junction Temperature versus
Time to 0.1% Bond Failures
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time
Junction Temperature


Similar Part No. - M74VHC1G126DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
131Kb / 6P
   Noninverting 3-State Buffer
June, 2015 ??Rev. 17
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
More results

Similar Description - M74VHC1G126DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125_07 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 15
MC74VHC1G126 ONSEMI-MC74VHC1G126_07 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G125 FS-FC74VHC1G125 Datasheet
537Kb / 6P
   Noninverting 3?뭆tate Buffer
logo
ON Semiconductor
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74HC125ADG ONSEMI-MC74HC125ADG Datasheet
121Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
74HC125 ONSEMI-74HC125 Datasheet
132Kb / 8P
   Quad 3?뭆tate Noninverting Buffers
March, 2007 ??Rev. 0
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com