Electronic Components Datasheet Search |
|
MC100EP17DTR2 Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC100EP17DTR2 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC10EP17, MC100EP17 http://onsemi.com 4 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 12) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 47 55 63 50 58 66 54 62 70 mA VOH Output HIGH Voltage (Note 13) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 13) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VIH Input HIGH Voltage (Single–Ended) 2075 2420 2075 2420 2075 2420 mV VIL Input LOW Voltage (Single–Ended) 1355 1675 1355 1675 1355 1675 mV VBB Output Voltage Reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 14) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 12. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V. 13. All loading with 50 W to VCC–2.0 volts. 14. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 15) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 47 55 63 50 58 66 54 62 70 mA VOH Output HIGH Voltage (Note 16) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage (Note 16) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mV VIH Input HIGH Voltage (Single–Ended) 3775 4120 3775 4120 3775 4120 mV VIL Input LOW Voltage (Single–Ended) 3055 3375 3055 3375 3055 3375 mV VBB Output Voltage Reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 17) 2.0 5.0 2.0 5.0 2.0 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 15. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V. 16. All loading with 50 W to VCC–2.0 volts. 17. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = –5.5 V to –3.0 V (Note 18) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 47 55 63 50 58 66 54 62 70 mA VOH Output HIGH Voltage (Note 19) –1145 –1020 –895 –1145 –1020 –895 –1145 –1020 –895 mV VOL Output LOW Voltage (Note 19) –1945 –1820 –1695 –1945 –1820 –1695 –1945 –1820 –1695 mV VIH Input HIGH Voltage (Single–Ended) –1225 –880 –1225 –880 –1225 –880 mV VIL Input LOW Voltage (Single–Ended) –1945 –1625 –1945 –1625 –1945 –1625 mV VBB Output Voltage Reference –1525 –1425 –1325 –1525 –1425 –1325 –1525 –1425 –1325 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 20) VEE+2.0 0.0 VEE+2.0 0.0 VEE+2.0 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 18. Input and output parameters vary 1:1 with VCC. 19. All loading with 50 W to VCC–2.0 volts. 20. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
Similar Part No. - MC100EP17DTR2 |
|
Similar Description - MC100EP17DTR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |