Electronic Components Datasheet Search |
|
MIC49500 Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
MIC49500 Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 11 page Micrel, Inc. MIC49500 November 2005 5 M9999-110805 (408) 955-1690 Typical Characteristics 20 25 30 35 40 45 50 55 60 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 LOAD CURRENT (A) Ground Current vs. Load Current VOUT = 1.2V VEN = VIN VBIAS = 3.3V COUT = 10µF VIN = VOUT + 1V 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 01 23 45 INPUT VOLTAGE (V) Output Voltage vs. Input Voltage 50mA 2.5A 5A VOUT = 1.5V VBIAS = 3.3V COUT = 10µF 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 01 23 45 BIAS VOLTAGE (V) Output Voltage vs. Bias Voltage 50mA 2.5A 5A VIN = VOUT + 1V VOUT = 1.5V COUT = CIN = 10µF 0 10 20 30 40 50 60 70 80 0 1 2 345 OUTPUT CURRENT (A) Bias Current vs. Output Current VIN = VOUT + 1V VOUT = 1.8V VBIAS = 3.3V COUT = CBIAS = 10µF 0 10 20 30 40 60 20 40 60 80 TEMPERATURE (°C) Ground Current vs. Temperature VIN = VOUT + 1V VOUT = 3V COUT = 10µF 50 2.5A 5A 1A 500mA 100µA 0 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 Output Voltage vs. Temperature 20 40 60 80 TEMPERATURE (°C) VIN = VOUT = 1V VOUT = 1.5V COUT = 10µF 0 10 20 30 60 Bias Current vs. Temperature 20 40 60 80 TEMPERATURE (°C) VIN = 4V VOUT = 3V COUT = 10µF 40 50 1A 2.5A 5A 0 100µA 500mA Output Voltage vs. Temperature 20 40 60 80 TEMPERATURE (°C) 600 620 640 660 680 720 740 760 780 800 700 VIN = VOUT + 1V VOUT = 1.5V VBIAS = 3.3V COUT = 10µF IOUT = 100µA 0 50 100 150 200 250 300 350 0 123 45 OUTPUT CURRENT (I) Dropout Voltage vs. Output Current VIN = VOUT + 1V VOUT = 1.5V VBIAS = 3.3V COUT = 10µF 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 1 2 345 OUTPUT CURRENT (A) VBIAS Dropout Voltage vs. Output Current VIN = VOUT + 1V VOUT = 1.5V VBIAS = 3.3V COUT = 10µF 0 0.5 1.0 1.5 2.0 2.5 0 0.5 1 1.5 2 2.5 3 ENABLE VOLTAGE (V) Enable Threshold Hot Room Cold 0 1 2 3 4 5 6 7 8 9 10 2.5 3 3.5 4 4.5 5 5.5 INPUT VOLTAGE (V) Current Limit VIN = 2.5V VOUT = 0V VBIAS = 3.3V COUT = 10µF vs. Input Voltage |
Similar Part No. - MIC49500 |
|
Similar Description - MIC49500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |