Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMT05A230T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMT05A230T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05A230T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MMT05A230T3 Datasheet HTML 1Page - ON Semiconductor MMT05A230T3 Datasheet HTML 2Page - ON Semiconductor MMT05A230T3 Datasheet HTML 3Page - ON Semiconductor MMT05A230T3 Datasheet HTML 4Page - ON Semiconductor MMT05A230T3 Datasheet HTML 5Page - ON Semiconductor MMT05A230T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 4
1
Publication Order Number:
MMT05A230T3/D
MMT05A230T3,
MMT05A260T3,
MMT05A310T3
Preferred Devices
Thyristor Surge Protectors
High Voltage Bidirectional TSPD
These Thyristor Surge Protective devices (TSPD) prevent
overvoltage damage to sensitive circuits by lightning, induction and
power line crossings. They are breakover−triggered crowbar
protectors. Turn−off occurs when the surge current falls below the
holding current value.
Secondary protection applications for electronic telecom equipment
at customer premises.
High Surge Current Capability: 50 Amps 10 x 1000 µsec; for
Controlled Temperature Environments in the SMA package
The MMT05A230T3 Series is used to help equipment meet various
regulatory requirements including: Telcordia 1089, ITU K.20 &
K.21, IEC 950 and FCC Part 68
Bidirectional Protection in a Single Device
Little Change of Voltage Limit with Transient Amplitude or Rate
Freedom from Wearout Mechanisms Present in Non−Semiconductor
Devices
Fail−Safe, Shorts When Overstressed, Preventing Continued
Unprotected Operation
Surface Mount Technology (SMT)
Indicates UL Registered − File #E210057
Device Marking: MMT05A230T3: PBF; MMT05A260T3: PBG;
MMT05A310T3: PBJ
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Off−State Voltage − Maximum
MMT05A230T3
MMT05A260T3
MMT05A310T3
VDM
"170
"200
"270
Volts
Maximum Pulse Surge Short Circuit
Current Non−Repetitive
Double Exponential Decay Waveform
(Notes 1 and 2)
8 x 20
µsec
10 x 160
µsec
10 x 560
µsec
10 x 1000
µsec
IPPS1
IPPS2
IPPS3
IPPS4
"150
"100
"70
"50
A(pk)
Maximum Non−Repetitive Rate of
Change of On−State Current Double
Exponential Waveform,
IPK = 50 A, PW = 15 ms
di/dt
"100
A/
µs
1. Allow cooling before testing second polarity.
2. Measured under pulse conditions to reduce heating.
BIDIRECTIONAL TSPD
50 AMP SURGE
265 thru 365 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MMT05A230T3
SMA
12 mm Tape and Reel
(5 K/Reel)
MMT05A260T3
SMA
12 mm Tape and Reel
(5 K/Reel)
MMT05A310T3
SMA
12 mm Tape and Reel
(5 K/Reel)
MT1
MT2
SMA
(No Polarity)
CASE 403D
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
MARKING DIAGRAM
xxx
AYW
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - MMT05A230T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT05A230T3G ONSEMI-MMT05A230T3G Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
More results

Similar Description - MMT05A230T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com