Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1324SMM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM1324SMM
Description  Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM1324SMM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM1324SMM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1324SMM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.5
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM, OM1324N2M
OM1324SMM
Front View
Pin 1 - Adjust
Pin 2 - Input
Pin 3 - Output
Case - Isolated
OM1324STM
OM1324NTM
Isolated
Non-Isolated
Front View
Front View
Pin 1 - Adjust
Pin 1 - Adjust
Pin 2 - Output
Pin 2 - Output
Pin 3 - Input
Pin 3 - Input
Tab
- Isolated
Tab
- Output
OM1324NMM
Pin 1 - Adjust
Pin 2 - Input
Pin 3 - Output
OM1324NKM
Pin 1 - Adjust
Pin 2 - Input
Case - Output
OM1324N2M
Pin 1
VOUT(Sense)
Pin 11 NC
Pin 2
NCPin 12 NC
Pin 3
NCPin 13 NC
Pin 4
NCPin 14 NC
Pin 5
VIN
Pin 15 NC
Pin 6
NCPin 16 NC
Pin 7
NCPin 17 NC
Pin 8
NCPin 18 NC
Pin 9
NCPin 19 NC
Pin 10 ADJUST
Pin 20 VOUT
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
.425
.200
.100
.350 MIN.
.080
.160
.020
± .020
.035 WIDE
FLAT 3 PLCS.
.115
.425
.140
.415
.157
.015
.140
.140
.075
.075
.062
.375
.030
MIN.
.075 (
±.010)
TYP.
.040
.020 X45
°
REF.
.040 X45
°
REF (3 PL)
.010
.160
SQ. REF.
.065
.009 R.
20 PLCS.
3
1
19
18
14
4
13
9
.003
.050
TYP.
.050 (
±.005)
TYP.
.085
.025 SQ.
TYP.
(
±.003)
.025
TYP.
12 3
1
2
3
1
2
3
For additional information please see the mechanical outline section.
1.197
1.177
0.675
0.655
0.188 R.
MAX.
0.440
0.420
0.161
0.151
0.525 R.
MAX.
0.225
0.205
SEATING
PLANE
0.312
MIN.
0.450
0.250
0.043
0.038
2 PLCS.
0.135
MAX.
0.875
MAX.
1.53
REF.
2
1


Similar Part No. - OM1324SMM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results

Similar Description - OM1324SMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
International Rectifier
OM2990 IRF-OM2990 Datasheet
81Kb / 6P
   Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
List of Unclassifed Man...
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
   Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
International Rectifier
OM7628NM IRF-OM7628NM Datasheet
20Kb / 2P
   HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com