Part Name
         Description
OM1325SMM

 Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages ( 4 Page)


ETC1
100% 
Zoom Out Zoom In
   
 4 page
background image
3.5
OM1325NTM, OM1325STM, OM1325NKM, OM1325SMM, OM1325NMM, OM1325N2M
OM1325SMM
Front View
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
Case - Isolated
OM1325STM
OM1325NTM
Isolated
Non-Isolated
Front View
Front View
Pin 1 - Adjust
Pin 1 - Adjust
Pin 2 - Input
Pin 2 - Input
Pin 3 - Output
Pin 3 - Output
Tab
- Isolated
Tab
- Input
OM1325NMM
Pin 1 - Adjust
Pin 2 - Output
Pin 3 - Input
OM1325NKM
Pin 1 - Adjust
Pin 2 - Output
Case - Input
OM1325N2M
Pin 1
VOUT
Pin 11 VIN
Pin 2 VOUT(Sense)
Pin 12 NC
Pin 3
NC
Pin 13 NC
Pin 4
NC
Pin 14 NC
Pin 5
NC
Pin 15 NC
Pin 6
NC
Pin 16 ADJUST
Pin 7
NC
Pin 17 NC
Pin 8
NC
Pin 18 NC
Pin 9
NC
Pin 19 NC
Pin 10 NC
Pin 20 NC
For additional information please see the mechanical outline section.
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
.425
.200
.100
.350 MIN.
.080
.160
.020
± .020
.035 WIDE
FLAT 3 PLCS.
.115
.425
.140
.415
.157
.015
.140
.140
.075
.075
.062
.375
.030
MIN.
.075 (
±.010)
TYP.
.040
.020 X45
°
REF.
.040 X45
°
REF (3 PL)
.010
.160
SQ. REF.
.065
.009 R.
20 PLCS.
3
1
19
18
14
4
13
9
.003
.050
TYP.
.050 (
±.005)
TYP.
.085
.025 SQ.
TYP.
(
±.003)
.025
TYP.
12 3
1
2
3
1
2
3
1.197
1.177
0.675
0.655
0.188 R.
MAX.
0.440
0.420
0.161
0.151
0.525 R.
MAX.
0.225
0.205
SEATING
PLANE
0.312
MIN.
0.450
0.250
0.043
0.038
2 PLCS.
0.135
MAX.
0.875
MAX.
1.53
REF.
2
1
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OM1324SMMThree Terminal Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages 1 2 3 4 List of Unclassifed Manufacturers
OM2990Three Terminal Fixed Voltage Low Dropout Negative Voltage Regulator In Hermetic Packages 1 2 3 4 5 MoreInternational Rectifier
NTE19113 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V 1.5A 1 2 NTE Electronics
SG117A1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicrosemi Corporation
SGR117ARAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 Microsemi Corporation
UPC7900ATHREE TERMINAL NEGATIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC79M00THREE TERMINAL NEGATIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
SG117A1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicro Electronics
MDLM117-HPOSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreNational Semiconductor
CJ78L05THREE TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl