Part Name
         Description
OM1325SMM

 Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages ( 4 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
3.5 - 21
3.5
Three Terminal, Precision Adjustable
Negative Voltage Regulator In Hermetic
Style Packages (LM137A)
4 11 R2
Supersedes 1 07 R1
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE
REGULATOR APPROVED TO DESC DRAWING 7703406
OM1325STM
OM1325N2M
OM1325NMM
OM1325NTM
OM1325SMM
OM1325NKM
FEATURES
• Similar To Industry Standard LM137A
• Approved To DESC Standardized Military Drawing Number 7703406
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Available In Six Package Styles
• Maximum Output Voltage Tolerance Is Guaranteed to + 1%
DESCRIPTION
These three terminal negative regulators are supplied in hermetically sealed
packages. All protective features are designed into the circuit, including thermal
shutdown, current-limiting, and safe-area control. With heat sinking, these devices
can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5
amps. The unit also features output voltages that can be fixed from -1.2 volts to -37
volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance, Junction to Case:
Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17°C/W
Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5°C/W
Case Y, TO-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0°C/W
Maximum Output Current:
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.5 A
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Recommended Operating Conditions:
Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.2 to -37 VDC
Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.25 to -41.25 VDC
Please see mechanical
outlines herein
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OM1324SMMThree Terminal Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages 1 2 3 4 List of Unclassifed Manufacturers
OM2990Three Terminal Fixed Voltage Low Dropout Negative Voltage Regulator In Hermetic Packages 1 2 3 4 5 MoreInternational Rectifier
NTE19113 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V 1.5A 1 2 NTE Electronics
SG117A1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicrosemi Corporation
SGR117ARAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 Microsemi Corporation
UPC7900ATHREE TERMINAL NEGATIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
UPC79M00THREE TERMINAL NEGATIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreNEC
SG117A1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicro Electronics
MDLM117-HPOSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreNational Semiconductor
CJ78L05THREE TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl