Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALI Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 67Page - STMicroelectronics ST7DALI Datasheet HTML 68Page - STMicroelectronics ST7DALI Datasheet HTML 69Page - STMicroelectronics ST7DALI Datasheet HTML 70Page - STMicroelectronics ST7DALI Datasheet HTML 71Page - STMicroelectronics ST7DALI Datasheet HTML 72Page - STMicroelectronics ST7DALI Datasheet HTML 73Page - STMicroelectronics ST7DALI Datasheet HTML 74Page - STMicroelectronics ST7DALI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
ST7DALI
71/141
DALI COMMUNICATION MODULE (Cont’d)
11.4.3 DALI Standard Protocol
The DALI protocol uses the bi-phase Manchester
asynchronous serial data format. All the bits of the
frame are bi-phase encoded except the two stop
bits.
The transmission rate is about 1.2 kHz. The bi-
phase bit period is 833.33 us ±10%.
A
forward frame consists of 19 bi-phase
encoded bits:
– 1 start bit (0->1: logical ’1’)
– 1 address byte (8-bit address)
– 1 data byte (8-bit data)
– 2 high level stop bits (no change of phase)
A backward frame consists of 11 bi-phase
encoded bits:
– 1 start bit (0->1: logical ’1’)
– 1 data byte (8-bit data)
– 2 high level stop bits (no change of phase)
A forward frame consists of 19 bi-phase encoded
bits: 1 start bit (logical ’1’), 1 address byte and 1
data byte. The frame is terminated by 2 stop bits
(idle). The stop bits do not contain any change of
phase.
A backward frame consists of 11 bi-phase encod-
ed bits: 1 start bit (logical ’1’) and 1 data byte. The
frame is terminated by 2 stop bits (idle). The stop
bits do not contain any change of phase.
The transmission rate, expressed as a bandwidth,
is specified at 1.2 kHz for the forward channel and
for the backward channel.
The settling time between two subsequent forward
frames is 9.17 ms (minimum).
The settling time between forward and backward
frames is between 2.92 ms and 9.17 ms. If a back-
ward frame has not been started after 9.17 ms,
this is interpreted as "no answer".
In the event of code violation, the frame is ignored.
After a code violation has occurred, the system is
ready again for data reception.
Figure 42. DALI Standard Frame
a7
d7
a6
a5
a4
a3
a2
a1
a0
d6
d5
d4
d3
d2
d1
d0
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
2T
4T
stop bits
start bit
address byte
data byte
FORWARD FRAME
d7
d6
d5
d4
d3
d2
d1
d0
2T
2T
2T
2T
2T
2T
2T
2T
2T
start bit
data byte
BACKWARD FRAME
stop bits
4T
BI-PHASE LEVELS
Logical ’1’
Logical ’0’
2T
2T
2T = 833.33 us ±10%
1


Similar Part No. - ST7DALI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7DALI-EVAL STMICROELECTRONICS-ST7DALI-EVAL Datasheet
59Kb / 3P
   ST7DALI-EVAL evaluation kit
ST7DALIF2 STMICROELECTRONICS-ST7DALIF2 Datasheet
1Mb / 171P
   Configurable watchdog timer
February 2009 Rev 3
More results

Similar Description - ST7DALI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com