Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC1300 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRC1300
Description  MARCSTAR I E/D REMOTE CONTROL ENCODER/DECODERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRC1300 Datasheet(HTML) 5 Page - Texas Instruments

  TRC1300 Datasheet HTML 1Page - Texas Instruments TRC1300 Datasheet HTML 2Page - Texas Instruments TRC1300 Datasheet HTML 3Page - Texas Instruments TRC1300 Datasheet HTML 4Page - Texas Instruments TRC1300 Datasheet HTML 5Page - Texas Instruments TRC1300 Datasheet HTML 6Page - Texas Instruments TRC1300 Datasheet HTML 7Page - Texas Instruments TRC1300 Datasheet HTML 8Page - Texas Instruments TRC1300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TRC1300, TRC1315
MARCSTAR
™ I E/D
REMOTE CONTROL ENCODER/DECODERS
SLWS011D – AUGUST 1996 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage device configured as an encoder VCC
TRC1300
2.7
6
V
Supply voltage, device configured as an encoder, VCC
TRC1315
2.7
15
V
Supply voltage device configured as a decoder VCC
TRC1300
4.5
6
V
Supply voltage, device configured as a decoder, VCC
TRC1315
4.5
15
V
Low-level input voltage, VIL, at VRC/TX1 – VRC/TX4, TEST, CONF, PROG
0.5
V
High-level input voltage, VIH, at VRC/TX1 – VRC/TX4, TEST, CONF, PROG
VCC /CAP– 0.5
V
Operating free-air temperature, TA
–40
85
°C
Input voltage to amplifier/comparator, VI(PP), at DIN/DOUT
10
mV
Common-mode input voltage range, amplifier/comparator
GND + 0.2
VCC /CAP– 0.2
V
electrical characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted)
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
VRC/TX1 – VRC/TX4,
DIN/DOUT, LED
IOL = 5 mA
0.5
V
VOH
High-level output voltage
VRC/TX1 – VRC/TX4,
DIN/DOUT, LED
IOH = –4 mA
VCC /CAP– 0.5
V
DIN/DOUT
1
VRC/TX1 – VRC/TX4
–20
–12
–5
IIL
Low-level input current
CONF
VI = 0 to VIL
–20
–11
–5
µA
PROG
1
TEST
1
DIN/DOUT
5
20
VRC/TX1 – VRC/TX4
1
IIH
High-level input current
CONF
VI = VIH to VCC/CAP
1
µA
PROG
2
5
8
TEST
5
12
20
decoder supply current, VCC/CAP = 6 V, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
Supply current
1.8
2.2
mA
encoder supply current, TRC1300, VCC/CAP= 6 V, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
Supply current, standby
35
500
nA
Supply current, code transmission
1.5
1.7
mA
encoder supply current, TRC1315, VCC = 15 V, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
Supply current, standby
3
µA
Supply current, code transmission
1.4
1.9
mA


Similar Part No. - TRC1300

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TRC1-1-122-75 MINI-TRC1-1-122-75 Datasheet
256Kb / 2P
   RF Transformer
TRC1-1-122-75++ MINI-TRC1-1-122-75+ Datasheet
256Kb / 2P
   RF Transformer
logo
RCD COMPONENTS INC.
TRC10-103 RCD-TRC10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-104 RCD-TRC10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-105 RCD-TRC10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRC1300

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com