Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2155IPWP Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2155IPWP
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2155IPWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2155IPWP Datasheet HTML 2Page - Texas Instruments TPS2155IPWP Datasheet HTML 3Page - Texas Instruments TPS2155IPWP Datasheet HTML 4Page - Texas Instruments TPS2155IPWP Datasheet HTML 5Page - Texas Instruments TPS2155IPWP Datasheet HTML 6Page - Texas Instruments TPS2155IPWP Datasheet HTML 7Page - Texas Instruments TPS2155IPWP Datasheet HTML 8Page - Texas Instruments TPS2155IPWP Datasheet HTML 9Page - Texas Instruments TPS2155IPWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
6
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, 2.9 V ≤ VI(SWIN2) ≤ 5.5 V, VI(ENx) = 0 V or VI(ENx) = 5 V,
VI(LDO_EN) = 5 V, CL(LDO_OUT) = 10 µF, TJ = −40°C to 100°C (unless otherwise noted) (continued)
adjustable voltage regulator (Vx = 1 V to 3.3 V)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VO
Output voltage, dc (see Note 2)
VI(VIN/SWIN1) =Vx + 0.6 V to 5.5 V and
VI(VIN/SWIN1) > 2.9 V,
IO = 0.5 mA to 200 mA
0.97Vx
Vx
1.03Vx
V
Dropout voltage (VIN/SWIN1 to LDO_OUT)
VI(VIN/SWIN1) = Vx − 0.1 V, IO = 200 mA
0.5
V
Line regulation voltage (see Note 1)
VI(VIN/SWIN1) = Vx + 0.6 V to 5.5 V and
VI(VIN/SWIN1) > 2.9 V,
IO = 5 mA
0.1
%/V
Load regulation voltage (see Note 1)
VI(VIN/SWIN1) = Vx + 0.6 V to 5.5 V and
VI(VIN/SWIN1) > 2.9 V,
IO = 5 mA to 200 mA
0.4%
1%
IOS
Short-circuit current limit
VI(VIN/SWIN1) = Vx + 0.6 V to 5.5 V and
VI(VIN/SWIN1) > 2.9 V,
LDO_OUT connected to GND
0.275
0.33
0.575
A
Ilkg(R)
Reverse leakage current into LDO_OUT
VO(LDO_OUT) = Vx,
VI(VIN/SWIN1) = 0 V,
VI(LDO_EN) = 0 V
10
µA
Ilkg(R)
Reverse leakage current into LDO_OUT
VO(LDO_OUT) = 5.5 V,
VI(VIN/SWIN1) = 2.8 V,
VI(LDO_EN) = 0 V
10
µA
ton
Turnoff time, LDO_EN
transitioning low (see Note 1)
From 50% LDO_EN to 10% LDO_OUT,
RL = Vx/0.2 Ω, CL(LDO_OUT) = 10 µF
0.1
1
ms
toff
Turnon time, LDO_EN
transitioning high (see Note 1)
From 50% LDO_EN to 90% LDO_OUT,
RL = Vx/0.2 Ω, CL(LDO_OUT) = 10 µF
0.1
1
ms
Ramp-up time, LDO_OUT (0% to 90%)
VI(LDO_EN) = 5 V, VIN/SWIN1 ramping up
from 10% to 90% in 0.1 ms, RL = Vx/0.2 Ω,
CL(LDO_OUT) = 10 µF
0.1
1
ms
Output tracking
OUT1 lag time from LDO_OUT given
LDO_EN and EN1 have been asserted si-
multaneously to turnon their respective out-
puts. Measured at 1 V. (see Note 1)
LDO load RL = Vx/0.2 Ω,
CL(LDO_OUT) = 10 µF,
OUT1 RL = 33 Ω, 10 µF,
VI(VIN/SWIN1) = 3.3 V
0
1
ms
Power supply rejection
f = 1 kHz, CL(LDO_OUT) = 4.7 µF,
ESR = 0.25
Ω, IO = 5 mA,
VI(VIN/SWIN1)p−p = 100 mV
50
dB
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTES:
1. Specified by design, not tested in production.
2. Does not include error introduced by external resistive divider R1, R2 tolerance.


Similar Part No. - TPS2155IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2155IPWP TI-TPS2155IPWP Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2155IPWPG4 TI-TPS2155IPWPG4 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2155IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com