Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP46N30 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP46N30
Description  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP46N30 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP46N30 Datasheet HTML 1Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 2Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 3Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 4Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 5Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 6Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 7Page - Fairchild Semiconductor FDP46N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FDP46N30 Rev. A
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0 V
2. I
D = 250µA
T
J, Junction Temperature [°C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 23 A
T
J, Junction Temperature [°C]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
100 ms
1 ms
10 µs
DC
10 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25°C
2. T
J = 150°C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
10
20
30
40
50
T
C, Case Temperature [°C]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
* N o t e s :
1 . Z
θ JC ( t ) = 0. 3 ° C/ W
M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC
(t )
s ing le pu ls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
t
1 , S q u a r e W a v e P u l s e D u r a ti o n [s e c ]
t1
PDM
t2


Similar Part No. - FDP46N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP46N30 ISC-FDP46N30 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP46N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com