Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47B37X Datasheet(PDF) 7 Page - SMSC Corporation

Part # LPC47B37X
Description  100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B37X Datasheet(HTML) 7 Page - SMSC Corporation

Back Button LPC47B37X Datasheet HTML 3Page - SMSC Corporation LPC47B37X Datasheet HTML 4Page - SMSC Corporation LPC47B37X Datasheet HTML 5Page - SMSC Corporation LPC47B37X Datasheet HTML 6Page - SMSC Corporation LPC47B37X Datasheet HTML 7Page - SMSC Corporation LPC47B37X Datasheet HTML 8Page - SMSC Corporation LPC47B37X Datasheet HTML 9Page - SMSC Corporation LPC47B37X Datasheet HTML 10Page - SMSC Corporation LPC47B37X Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 254 page
background image
7
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER TYPE PER
FUNCTION (NOTE 1)
41
GP20 /P17 /nDS1
General Purpose I/O / P17
/Drive Select 1
IO12
(I/O12/OD12)
/IO12/(O12/OD12)
42
GP21 /P16 /IRQ6
General Purpose I/O / P16
/IRQ6
IO8
(I/O8/OD8)/IO8/I
43
GP22 /P12/ nMTR1
General Purpose I/O / P12 /
Motor On 1
IO12
(I/O12/OD12)
/IO12/(O12/OD12)
44
GP23
General Purpose I/O
IO8
(I/O8/OD8)
45
GP24 /SYSOPT
General Purpose I/O / System
Option (Note 7)
IO8
(I/O8/OD8)
46
GP25
General Purpose I/O
IO8
(I/O8/OD8)
47
GP26
General Purpose I/O
IO8
(I/O8/OD8)
50
GP27 /nIO_SMI
General Purpose I/O /nIO_SMI
IO12
(I/O12/OD12)/ OD12
61
GP34 /IRQ12
General Purpose I/O /IRQ12
IO8
(I/O8/O8)/I
62
GP35 /IRQ14
General Purpose I/O /IRQ14
IO8
(I/O8/O8)/I
17
GP42 /nIO_PME
General Purpose I/O / Power
Management Event
IO12
(I/O12/OD12)/ OD12
28
GP43/DDRC/
FDC_PP
General Purpose I/O / Device
Disable Reg. Control / FDC on
Parallel Port
IO8
(I/O8/OD8)/I/I
48
GP60 /LED1
General Purpose I/O / LED1
(Note 9,)
IO12
(I/O12/OD12)/
(O12/OD12)
49
GP61 /LED2
General Purpose I/O / LED2
(Note 9)
IO12
(I/O12/OD12)/
(O12/OD12)
40
GP62/P17
General Purpose I/O /P17
IO8
(I/O8/OD8)/IO8
SMBus PINS
51
GP30 / SCLK
General Purpose I/O / SMBus
Clock
IO12
(I/O12/OD12)/
IOD12
54
GP32 /SDAT
General Purpose I/O /SMBus
Data
IO12
(I/O12/OD12)/
IOD12
FAN CONTROL PINS
52
GP31 /FAN_TACH
General Purpose I/O /Fan
Tachometer Input
IO8
(I/O8/OD8)/I
55
GP33 /FAN
General Purpose I/O /Fan
Control (Note 4)
IO12
(I/O12/OD12)/
(O12/OD12)
KEYBOARD/MOUSE
56
KDAT
Keyboard Data
IOD16
IOD16
57
KCLK
Keyboard Clock
IOD16
IOD16
58
MDAT
Mouse Data
IOD16
IOD16
59
MCLK
Mouse Clock
IOD16
IOD16
63
GP36 /nKBDRST
General Purpose I/O
/Keyboard Reset (Active low)
(Note 8)
IO8
(I/O8/OD8)/O8


Similar Part No. - LPC47B37X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
More results

Similar Description - LPC47B37X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
LPC47S42X SMSC-LPC47S42X Datasheet
1Mb / 264P
   ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com