Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8874 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDS8874
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8874 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDS8874 Datasheet HTML 2Page - Fairchild Semiconductor FDS8874 Datasheet HTML 3Page - Fairchild Semiconductor FDS8874 Datasheet HTML 4Page - Fairchild Semiconductor FDS8874 Datasheet HTML 5Page - Fairchild Semiconductor FDS8874 Datasheet HTML 6Page - Fairchild Semiconductor FDS8874 Datasheet HTML 7Page - Fairchild Semiconductor FDS8874 Datasheet HTML 8Page - Fairchild Semiconductor FDS8874 Datasheet HTML 9Page - Fairchild Semiconductor FDS8874 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Test Circuits and Waveforms
Figure 14.
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
Unclamped Energy Test Circuit
Figure 15.
VDD
VDS
BVDSS
tP
IAS
tAV
0
Unclamped Energy Waveforms
Figure 16.
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
Gate Charge Test Circuit
Figure 17.
VDD
Qg(TH)
VGS = 1V
Qgs2
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
Qg(5)
VGS = 5V
Gate Charge Waveforms
Figure 18.
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
Switching Time Test Circuit
Figure 19.
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
Switching Time Waveforms
FDS8874 Rev. A
www.fairchildsemi.com
6


Similar Part No. - FDS8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8874 FAIRCHILD-FDS8874 Datasheet
580Kb / 11P
   N-Channel PowerTrench MOSFET
FDS8874 FAIRCHILD-FDS8874_07 Datasheet
580Kb / 11P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDS8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com