Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ7064AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDZ7064AS
Description  30V N-Channel PowerTrench SyncFET BGA MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ7064AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDZ7064AS Datasheet HTML 1Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 2Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 3Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 4Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 5Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 6Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
December 2004
FDZ7064AS Rev. A
FDZ7064AS
30V N-Channel PowerTrench® SyncFET™ BGA MOSFET
Features
■ 13.5 A, 30 V.
RDS(ON) = 5.6 mΩ @ VGS = 10 V
RDS(ON) = 7.1 mΩ @ VGS = 4.5 V
■ Occupies only 14 mm2 of PCB area. Only 42% of the area of
SO-8
■ Ultra-thin package: less than 0.76 mm height when mounted
to PCB
■ 3.5 x 4 mm2 Footprint
■ High power and current handling capability.
Applications
■ DC/DC converters
General Description
This MOSFET is designed to replace a single MOSFET and
parallel Schottky diode in synchronous DC:DC power supplies.
Combining Fairchild’s 30V PowerTrench SyncFET process with
state of the art BGA packaging, the FDZ7064AS minimizes both
PCB space and RDS(ON). This BGA SyncFET embodies a
breakthrough in both packaging and power MOSFET integration
which enables the device to combine excellent thermal transfer
characteristics, high current handling capability, ultra-low profile
packaging, low gate charge, ultra-low reverse recovery charge
and low RDS(ON).
Absolute Maximum Ratings TA=25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
13.5
A
– Pulsed
60
PD
Power Dissipation (Steady State)
(Note 1a)
2.2
W
TJ, Tstg
Operating and Storage Junction Temperature Range
–55 to +150
°C
D
D
S
S
S
D
S
S
S
S
D
S
S
S
S
D
S
S
S
S
D
D
D
D
D
D
D
D
D
G
Pin 1
Bottom
Top
S
G
D
Pin 1
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
56
°C/W
RθJB
Thermal Resistance, Junction-to-Ball (Note 1)
4.5
RθJC
Thermal Resistance, Junction-to-Case (Note 1)
0.6
Device Marking
Device
Reel Size
Tape width
Quantity
7064AS
FDZ7064AS
13”
12mm
3000


Similar Part No. - FDZ7064AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
More results

Similar Description - FDZ7064AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com