Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC273M Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC273M
Description  OCTAL D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC273M Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC273M Datasheet HTML 1Page - ON Semiconductor MC74AC273M Datasheet HTML 2Page - ON Semiconductor MC74AC273M Datasheet HTML 3Page - ON Semiconductor MC74AC273M Datasheet HTML 4Page - ON Semiconductor MC74AC273M Datasheet HTML 5Page - ON Semiconductor MC74AC273M Datasheet HTML 6Page - ON Semiconductor MC74AC273M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev. 5
1
Publication Order Number:
MC74AC273/D
MC74AC273, MC74ACT273
Octal D Flip-Flop
The MC74AC273/74ACT273 has eight edge-triggered D–type
flip–flops with individual D inputs and Q outputs. The common
buffered Clock (CP) and Master Reset (MR) inputs load and reset
(clear) all flip–flops simultaneously.
The register is fully edge-triggered. The state of each D input, one
setup time before the LOW–to–HIGH clock transition, is transferred
to the corresponding flip–flop’s Q output.
All outputs will be forced LOW independently of Clock or Data
inputs by a LOW voltage level on the MR input. The device is useful
for applications where the true output only is required and the Clock
and Master Reset are common to all storage elements.
Ideal Buffer for MOS Microprocessor or Memory
Eight Edge-Triggered D Flip–Flops
Buffered Common Clock
Buffered, Asynchronous Master Reset
See MC74AC377 for Clock Enable Version
See MC74AC373 for Transparent Latch Version
See MC74AC374 for 3-State Version
Outputs Source/Sink 24 mA
′ACT273 Has TTL Compatible Inputs
Figure 1. Pinout: 20–Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
MR
Q0
D0
D1
Q1
Q2
D2
D3
Q3 GND
PIN ASSIGNMENT
PIN
FUNCTION
D0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q0–Q7
Data Outputs
http://onsemi.com
1
20
PDIP–20
N SUFFIX
CASE 738
1
20
1
20
1
20
SO–20
DW SUFFIX
CASE 751
TSSOP–20
DT SUFFIX
CASE 948E
EIAJ–20
M SUFFIX
CASE 967
Device
Package
Shipping
ORDERING INFORMATION
MC74AC273N
PDIP–20
18 Units/Rail
MC74ACT273N
PDIP–20
18 Units/Rail
MC74AC273DW
SOIC–20
38 Units/Rail
MC74AC273DWR2
SOIC–20
1000 Tape & Reel
MC74ACT273DW
SOIC–20
38 Units/Rail
MC74ACT273DWR2
SOIC–20
1000 Tape & Reel
MC74AC273DT
TSSOP–20
75 Units/Rail
MC74AC273DTR2
TSSOP–20
2500 Tape & Reel
MC74ACT273DT
TSSOP–20
75 Units/Rail
MC74ACT273DTR2
TSSOP–20
2500 Tape & Reel
MC74AC273M
EIAJ–20
40 Units/Rail
MC74AC273MEL
EIAJ–20
2000 Tape & Reel
MC74ACT273M
EIAJ–20
40 Units/Rail
MC74ACT273MEL
EIAJ–20
2000 Tape & Reel
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC74AC273M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273MEL ONSEMI-MC74AC273MEL Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74AC273MELG ONSEMI-MC74AC273MELG Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
More results

Similar Description - MC74AC273M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com