Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F4000PC-55 Datasheet(PDF) 4 Page - Macronix International

Part # MX29F4000PC-55
Description  4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F4000PC-55 Datasheet(HTML) 4 Page - Macronix International

  MX29F4000PC-55 Datasheet HTML 1Page - Macronix International MX29F4000PC-55 Datasheet HTML 2Page - Macronix International MX29F4000PC-55 Datasheet HTML 3Page - Macronix International MX29F4000PC-55 Datasheet HTML 4Page - Macronix International MX29F4000PC-55 Datasheet HTML 5Page - Macronix International MX29F4000PC-55 Datasheet HTML 6Page - Macronix International MX29F4000PC-55 Datasheet HTML 7Page - Macronix International MX29F4000PC-55 Datasheet HTML 8Page - Macronix International MX29F4000PC-55 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
P/N:PM0629
REV. 1.0, DEC. 20, 1999
MX29F4000
AUTOMATIC PROGRAMMING
The MX29F4000 is byte programmable using the
Automatic Programming algorithm.
The Automatic
Programming algorithm makes the external system do
not need to have time out sequence nor to verify the data
programmed. The typical chip programming time at
room temperature of the MX29F4000 is less than 4
seconds.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than 4 second. The Automatic Erase algorithm
automatically programs the entire array prior to electrical
erase. The timing and verification of electrical erase are
controlled internally within the device.
AUTOMATIC SECTOR ERASE
The MX29F4000 is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes
allow sectors of the array to be erased in one erase
cycle.
The Automatic Sector Erase algorithm
automatically programs the specified sector(s) prior to
electrical erase.
The timing and verification of
electrical erase are controlled internally within the
device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm require the
user to only write program set-up commands (including
2 unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, provides the program
verification, and counts the number of sequences. A
status bit similar to DATA polling and a status bit toggling
between consecutive read cycles, provide feedback to
the user as to the status of the programming operation.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using standard
microprocessor write timings.
The device will
automatically pre-program and verify the entire array.
Then the device automatically times the erase pulse
width, provides the erase verification, and counts the
number of sequences. A status bit toggling between
consecutive read cycles provides feedback to the user
as to the status of the programming operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming
circuitry. During write cycles, the command register
internally latches address and data needed for the
programming and erase operations. During a system
write cycle, addresses are latched on the falling edge of
WE or CE, whichever happeds later, and data are latched
on the rising edge of WE or CE, whichever happeds first.
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality,
reliability, and cost effectiveness. The MX29F4000
electrically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by
using the EPROM programming mechanism of hot
electron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command register
to respond to its full command set.


Similar Part No. - MX29F4000PC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400CBMI-55 MCNIX-MX29F400CBMI-55 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-55G MCNIX-MX29F400CBMI-55G Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-70 MCNIX-MX29F400CBMI-70 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-70G MCNIX-MX29F400CBMI-70G Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-90 MCNIX-MX29F400CBMI-90 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
More results

Similar Description - MX29F4000PC-55

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com