Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F4000PC-90 Datasheet(PDF) 11 Page - Macronix International

Part # MX29F4000PC-90
Description  4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F4000PC-90 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29F4000PC-90 Datasheet HTML 7Page - Macronix International MX29F4000PC-90 Datasheet HTML 8Page - Macronix International MX29F4000PC-90 Datasheet HTML 9Page - Macronix International MX29F4000PC-90 Datasheet HTML 10Page - Macronix International MX29F4000PC-90 Datasheet HTML 11Page - Macronix International MX29F4000PC-90 Datasheet HTML 12Page - Macronix International MX29F4000PC-90 Datasheet HTML 13Page - Macronix International MX29F4000PC-90 Datasheet HTML 14Page - Macronix International MX29F4000PC-90 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
P/N:PM0629
REV. 1.0, DEC. 20, 1999
MX29F4000
Q5
Q3
Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded
the specified limits(internal pulse count). Under these
conditions Q5 will produce a "1". This time-out condition
indicates that the program or erase cycle was not
successfully completed. Data Polling and Toggle Bit are
the only operating functions of the device under this
condition.
If this time-out condition occurs during sector erase
operation, it specifies that a particular sector is bad and
it may not be reused. However, other sectors are still
functional and may be used for the program or erase
operation.
The device must be reset to use other
sectors. Write the Reset command sequence to the
device, and then execute program or erase command
sequence. This allows the system to continue to use the
other active sectors in the device.
If this time-out condition occurs during the chip erase
operation, it specifies that the entire chip is bad or
combination of sectors are bad.
If this time-out condition occurs during the byte
programming operation, it specifies that the entire sector
containing that byte is bad and this sector maynot be
reused, (other sectors are still functional and can be
reused).
The time-out condition may also appear if a user tries to
program a non blank location without erasing. In this
case the device locks out and never completes the
Automatic Algorithm operation.
Hence, the system
never reads a valid data on Q7 bit and Q6 never stops
toggling. Once the Device has exceeded timing limits,
the Q5 bit will indicate a "1". Please note that this is not
a device failure condition since the device was incorrectly
used.
DATA PROTECTION
The MX29F4000 is designed to offer protection against
accidental erasure or programming caused by spurious
system level signals that may exist during power
transition. During power up the device automatically
resets the state machine in the Read mode. In addition,
Sector Erase Timer
After the completion of the initial sector erase command
sequence, the sector erase time-out will begin. Q3 will
remain low until the time-out is complete. Data Polling
and Toggle Bit are valid after the initial sector erase
command sequence.
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, Q3 may be
used to determine if the sector erase timer window is still
open. If Q3 is high ("1") the internally controlled erase
cycle has begun; attempts to write subsequent
commands to the device will be ignored until the erase
operation is completed as indicated by Data Polling or
Toggle Bit. If Q3 is low ("0"), the device will accept
additional sector erase commands.
To insure the
command has been accepted, the system software
should check the status of Q3 prior to and following each
subsequent sector erase command. If Q3 were high on
the second status check, the command may not have
been accepted.
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns(typical) on CE or WE will
not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding any one of OE = VIL, CE
= VIH or WE = VIH. To initiate a write cycle CE and WE
must be a logical zero while OE is a logical one.
POWER SUPPLY DECOUPLING
In order to reduce power switching effect, each device
should
have a 0.1uF ceramic capacitor connected
between its VCC and GND.
with its control register architecture, alteration of the
memory contents only occurs after successful completion
of specific command sequences.
The device also
incorporates several features to prevent inadvertent
write cycles resulting from VCC power-up and power-
down transition or system noise.


Similar Part No. - MX29F4000PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400CBMI-55 MCNIX-MX29F400CBMI-55 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-55G MCNIX-MX29F400CBMI-55G Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-70 MCNIX-MX29F400CBMI-70 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-70G MCNIX-MX29F400CBMI-70G Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29F400CBMI-90 MCNIX-MX29F400CBMI-90 Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
More results

Similar Description - MX29F4000PC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com