Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT259DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74ACT259DG
Description  8?묪it Addressable Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT259DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74ACT259DG Datasheet HTML 3Page - ON Semiconductor MC74ACT259DG Datasheet HTML 4Page - ON Semiconductor MC74ACT259DG Datasheet HTML 5Page - ON Semiconductor MC74ACT259DG Datasheet HTML 6Page - ON Semiconductor MC74ACT259DG Datasheet HTML 7Page - ON Semiconductor MC74ACT259DG Datasheet HTML 8Page - ON Semiconductor MC74ACT259DG Datasheet HTML 9Page - ON Semiconductor MC74ACT259DG Datasheet HTML 10Page - ON Semiconductor MC74ACT259DG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74AC259, MC74ACT259
http://onsemi.com
7
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
ΔICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Dn to Qn
5.0
2.0
6.5
11.0
1.5
12.5
ns
3−5
tPHL
Propagation Delay
Dn or Qn
5.0
2.0
7.0
10.5
1.5
12.0
ns
3−5
tPLH
Propagation Delay
E to Qn
5.0
2.0
10.5
14.0
1.5
16.5
ns
3−6
tPHL
Propagation Delay
E or Qn
5.0
2.0
9.0
12.0
1.5
14.0
ns
3−6
tPLH
Propagation Delay
Address to Qn
5.0
2.0
8.0
11.5
1.5
13.5
ns
3−6
tPHL
Propagation Delay
Address to Qn
5.0
2.0
6.0
10.0
1.5
12.0
ns
3−6
tPHL
Propagation Delay
MR to Q
5.0
2.0
10.0
1.5
11.0
ns
3−7
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74ACT259DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT259DG ONSEMI-MC74ACT259DG Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results

Similar Description - MC74ACT259DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_05 Datasheet
101Kb / 8P
   8?묪it Addressable Latches
August, 2005 ??Rev. 6
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com