Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28404OCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28404OCT
Description  CK409-COMPLIANT CLOCK SYNTHESIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28404OCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28404OCT Datasheet HTML 7Page - Cypress Semiconductor CY28404OCT Datasheet HTML 8Page - Cypress Semiconductor CY28404OCT Datasheet HTML 9Page - Cypress Semiconductor CY28404OCT Datasheet HTML 10Page - Cypress Semiconductor CY28404OCT Datasheet HTML 11Page - Cypress Semiconductor CY28404OCT Datasheet HTML 12Page - Cypress Semiconductor CY28404OCT Datasheet HTML 13Page - Cypress Semiconductor CY28404OCT Datasheet HTML 14Page - Cypress Semiconductor CY28404OCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CY28404
Document #: 38-07510 Rev. *B
Page 11 of 20
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (CE1,CE2) should be
calculated to provide equal capacitive loading on both sides.
As mentioned previously, the capacitance on each side of the
crystal is in series with the crystal. This mean the total capac-
itance on each side of the crystal must be twice the specified
load capacitance (CL). While the capacitance on each side of
the crystal is in series with the crystal, trim capac-
itors(CE1,CE2) should be calculated to provide equal capaci-
tative loading on both sides.
Use the following formulas to calculate the trim capacitor
values for CE1 and CE2.
PD# (Power-down) Clarification
The PD# pin is used to shut off all clocks and PLLs without
having to remove power from the device. All clocks are shut
down in a synchronous manner so has not to cause glitches
while transitioning to the power down state.
PD# – Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock then all clock outputs (except CPUT) clocks
must be held LOW on their next HIGH to LOW transition. CPU
clocks must be held with CPUT clock pin driven HIGH with a
value of 2x Iref and CPUC undriven as the default condition.
There exists an I2C bit that allows for the CPUT/C outputs to
be three-stated during power-down. Due to the state of internal
logic, stopping and holding the REF clock outputs in the LOW
state may require more than one clock cycle to complete.
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
(
)
1
=
CLe
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
......................................using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs.............................................Stray capacitance (trace,etc.)
Ci ............ Internal capacitance (lead frame, bond wires etc.)


Similar Part No. - CY28404OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28404OCT SPECTRALINEAR-CY28404OCT Datasheet
216Kb / 19P
   CK409-Compliant Clock Synthesizer
More results

Similar Description - CY28404OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28405 CYPRESS-CY28405 Datasheet
259Kb / 19P
   CK409-Compliant Clock Synthesizer
logo
SpectraLinear Inc
CY28405 SPECTRALINEAR-CY28405 Datasheet
197Kb / 18P
   CK409-Compliant Clock Synthesizer
CY28404 SPECTRALINEAR-CY28404 Datasheet
216Kb / 19P
   CK409-Compliant Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com