Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G66A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV1G66A
Description  Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G66A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV1G66A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 10Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 11Page - Renesas Technology Corp HD74LV1G66A Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV1G66A
Rev.6.00, Aug.29.2003, page 9 of 11
VCC
VCC
VCC
GND
GND
Item
S1
S2
VC
VIN
tZH
R =
1 k
L
C =15 or
50 pF
L
VOH
VCC
GND
GND
tf
tr
90%
90%
50%
50%
50%
tZH
10%
10%
VOUT
V
-0.3 V
OH
V
+0.3 V
OL
VC
VCC
GND
tZL
VCC
GND
tHZ
VCC
GND
tLZ
S1
R =
1 k
L
S2
tHZ
50%
VOL
VCC
tZL
tLZ
VOUT
• t ,t / t ,t
ZH
ZL
HZ
LZ
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns.
2. Waveform - A is for an output with internal conditions such that the output is high
except when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the output is low
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
Waveform - A
Waveform - B
VCC
VCC
GND
(OFF)
V =GND
C
CIN/OUT
CIN/OUT
CIN−OUT
• C
, C
IN/OUT
IN–OUT


Similar Part No. - HD74LV1G66A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66AVSE RENESAS-HD74LV1G66AVSE Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_15 Datasheet
181Kb / 10P
   Analog Switch
More results

Similar Description - HD74LV1G66A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com