Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G66ACME Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV1G66ACME
Description  Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G66ACME Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV1G66ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 10Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74LV1G66A
Rev.6.00, Aug.29.2003, page 7 of 11
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
1.0
4.0
7.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
3.0
6.0
8.0
ns
CL = 50 pF
IN/OUT
or OUT/IN
OUT/IN
or IN/OUT
3.0
7.0
10.0
CL = 15 pF
Enable time
tZH
tZL
5.0
12.0
16.0
ns
CL = 50 pF
C
IN/OUT
or OUT/IN
4.0
7.0
10.0
CL = 15 pF
Disable time
tHZ
tLZ
6.0
12.0
16.0
ns
CL = 50 pF
C
IN/OUT
or OUT/IN
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
3.5
Power dissipation
capacitance
CPD
5.0
4.0
pF
f = 10 MHz
Test Circuit
VOUT
VCC
+
VCC
GND
(ON)
V
V =V
CIH
V =V
• RON
IN
CC
1.0 mA
V
V
IN – OUT
R
=
ON
10
-3
(Ω)
VIN–OUT


Similar Part No. - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
124Kb / 9P
   Analog Switch
More results

Similar Description - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com