Electronic Components Datasheet Search |
|
IDT72V70200J Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT72V70200J Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 24 page 5 COMMERCIALTEMPERATURERANGE IDT72V70200 3.3V TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 .UNCTIONAL DESCRIPTION The IDT72V70200 is capable of switching 512 x 512, 64 Kbit/s PCM or N x 64 Kbit/s channel data. The device maintains frame integrity in data applications and minimum throughput delay for voice applications on a per channel basis. The serial input streams of the IDT72V70200 can have a bit rate of 2.048Mb/sandarearrangedin125 µswideframes,whichcontain32channels respectively. The data rates on input and output streams are identical. In Processor Mode, the microprocessor can access input and output time- slotsonaperchannelbasisallowingfortransferofcontrolandstatusinformation. The IDT72V70200 automatically identifies the polarity of the frame synchroni- zation input signal and configures the serial streams to either ST-BUS® or GCI formats. With the variety of different microprocessor interfaces, IDT72V70200 has provided an Input Mode pin (IM) to help integrate the device into different microprocessor based environments: Non-multiplexed or Multiplexed. These interfacesprovidecompatibilitywithmultiplexedandMotorolanon-multiplexed buses. Thedevicecanalsoresolvedifferentcontrolsignalseliminatingtheuse of glue logic necessary to convert the signals (R/ W/WR, DS/RD, AS/ALE). Theframeoffsetcalibrationfunctionallowsuserstomeasuretheframeoffset delay using a frame evaluation pin (FE). The input offset delay can be programmedforindividualstreamsusinginternalframeinputoffsetregisters,see Table 8. The internal loopback allows the TX output data to be looped around to the RX inputs for diagnostic purposes. A functional Block Diagram of the IDT72V70200 is shown in Figure 1. DATA AND CONNECTION MEMORY The received serial data is converted to parallel format by internal serial- to-parallel converters and stored sequentially in the data memory. The 8KHz input frame pulse ( F0i) is used to generate channel and frame boundaries of the input serial data. Depending on the interface mode select (IMS) register, the usable data memory may be as large as 512 bytes. Data to be output on the serial streams (TX0-15) may come from either the data memory or connection memory. For data output from data memory (connection mode), addresses in the connection memory are used. For data tobeoutputfromconnectionmemory,theconnectionmemorycontrolbitsmust set the particular TX output in Processor Mode. One time-slot before the data is to be output, data from either connection memory or data memory is read internally. This allows enough time for memory access and parallel-to-serial conversion. CONNECTION AND PROCESSOR MODES IntheConnectionMode,theaddressesoftheinputsourcedataforalloutput channels are stored in the connection memory. The connection memory is mapped in such a way that each location corresponds to an output channel on theoutputstreams.Fordetailsontheuseofthesourceaddressdata(CABand SAB bits), see Table 10. Once the source address bits are programmed by the microprocessor, the contents of the data memory at the selected address are transferredtotheparallel-to-serialconvertersandthenontoaTXoutputstream. By having the each location in the connection memory specify an input channel, multiple outputs can specify the same input address. This can be a powerful tool used for broadcasting data. In Processor Mode, the microprocessor writes data to the connection memory. Each location in the connection memory corresponds to a particular outputstreamandchannelnumberandistransferreddirectlytotheparallel-to- serial converter one time-slot before it is to be output. This data will be output ontheTXstreamsineveryframeuntilthedataischangedbythemicroprocessor. AstheIDT72V70200canbeusedinawidevarietyofapplications,thedevice also has memory locations to control the outputs based on operating mode. Specifically, the IDT72V70200 provides five per-channel control bits for the following functions: processor or connection mode, constant or variable delay, enables/three-state the TX output drivers and enables/disable the loopback function.Inaddition,oneofthesebitsallowstheusertocontroltheCCOoutput. Ifanoutputchannelissettoahigh-impedancestatethroughtheconnection memory, the TX output will be in a high-impedance state for the duration of that channel. In addition to the per-channel control, all channels on the ST-BUS® outputscanbeplacedinahighimpedancestatebyeitherpullingtheODEinput pin low or programming the Output Stand-By (OSB) bit in the interface mode selection register. This action overrides the per-channel programming in the connectionmemorybits. The connection memory data can be accessed via the microprocessor interface.Theaddressingofthedevicesinternalregisters,dataandconnection memories is performed through the address input pins and the Memory Select (MS) bit of the control register. For details on device addressing, see Software Control and Control Register bits description (Table 3 and 5). SERIAL DATA INTERFACE TIMING The master clock frequency must always be twice the data rate. For serial data rates of 2.048 Mb/s, the master clock (CLK) must be at 4.096 MHz. The input and output stream data rates will always be identical. The input 8 KHz frame pulse can be in either ST-BUS® or GCI format. The IDT72V70200 automatically detects the presence of an input frame pulse and identifies it as either ST-BUS® or GCI. In ST-BUS® format, every second falling edge of the master clock marks a bit boundary and the data is clocked in on the rising edge of CLK, three quarters of the way into the bit cell, see Figure 7. In GCIformat,everysecondrisingedgeofthemasterclockmarksthebitboundary and data is clocked in on the falling edge of CLK at three quarters of the way into the bit cell, see Figure 8. INPUT FRAME OFFSET SELECTION Inputframeoffsetselectionallowsthechannelalignmentofindividualinput streamstobeoffsetwithrespecttotheoutputstreamchannelalignment(i.e. F0i). Although all input data comes in at the same speed, delays can be caused by variable path serial backplanes and variable path lengths which may be implemented in large centralized and distributed switching systems. Because dataisoftendelayed,thisfeatureisusefulincompensatingfortheskewbetween clocks. Each input stream can have its own delay offset value by programming the frameinputoffsetregisters(FOR).Themaximumallowableskewis+4.5master clock(CLK)periodsforwardwithresolutionof½clockperiod.Theoutputframe offset cannot be offset or adjusted. See Figure 5, Table 8 and 9 for delay offset programming. SERIAL INPUT FRAME ALIGNMENT EVALUATION The IDT72V70200 provides the frame evaluation (FE) input to determine different data input delays with respect to the frame pulse F0i. A measurement cycle is started by setting the start frame evaluation (SFE) bit low for at least one frame. When the SFE bit in the IMS register is changed from low to high, the evaluation starts. Two frames later, the complete frame evaluation (CFE) bit of the frame alignment register (FAR) changes from low to high to signal that a valid offset measurement is ready to be read from bits 0 |
Similar Part No. - IDT72V70200J |
|
Similar Description - IDT72V70200J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |