Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70200PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V70200PF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70200PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V70200PF Datasheet HTML 1Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 2Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 3Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 4Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 5Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 6Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 7Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 8Page - Integrated Device Technology IDT72V70200PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V70200 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 512 x 512
PIN CON.IGURATIONS
12
13
14
15
16
17
18
19
20
4
3
2
1
83 82 81
39 40 41 42 43 44 45
INDEX
5711 drw03
7
6
5
80 79 78 77 76 75
8
11 10 9
46 47 48 49 50 51 52
33 34 35 36 37 38
64
63
62
61
60
59
58
57
56
73
72
71
70
69
68
67
66
65
55
54
21
22
23
24
25
26
27
28
29
30
31
32
53
74
84
CCO
DTA
D15
D14
D13
D12
D11
D10
D9
D8
GND
VCC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
GND
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
F0i
FE
GND
CLK
VCC
A
B
C
D
E
F
G
H
J
K
RX0
RX2
RX7
RX10
RX5
RX11
RX13
RX14
F0i
TMS
TX13
RX1
RX8
RX9
RX4
RX12
RX15
FE
TDI
TDO
TX11
TX14
RX6
VCC
RX3
VCC
CLK
TCK
TRST
IC
TX10
TX12
VCC
D11
D14
CCO
D13
ODE
TX0
D10
DTA
TX2
TX3
VCC
VCC
TX5
TX4
GND
GND
GND
GND
GND
TX6
TX7
GND
TX9
TX8
10
9
8
7
6
5
4
3
2
1
A1 BALL PAD CORNER
D9
D12
D8
AD5
AD3
AD0
AS/ALE
DNC
GND
VCC
CS
A7
A5
VCC
GND
GND
VCC
A4
A3
A6
D15
AD7
AD6
AD2
IM
DS/RD
TX1
VCC
AD4
AD1
R/
W/RW
VCC
GND
GND
VCC
A1
A2
TX15
GND
VCC
RESET
A0
5711 drw02
IC
BGA: 1mm pitch, 11mm x 11mm (BC100-1, order code: BC)
TOP VIEW
PLCC: 0.05in. pitch, 1.15in. x 1.15in. (PL84-1, order code: J)
TOP VIEW
NOTES:
1. DNC - Do Not Connect
2. IC - Internal Connection, tie to GROUND for normal operation.
3. All I/O pins are 5V tolerant except for TMS, TDI and
TRST.


Similar Part No. - IDT72V70200PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200PFBLANK IDT-IDT72V70200PFBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70200PFG RENESAS-IDT72V70200PFG Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V70200PFGBLANK IDT-IDT72V70200PFGBLANK Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70200PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70200 IDT-IDT72V70200_08 Datasheet
191Kb / 23P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com