Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1173 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJW1173
Description  AUDIO PROCESSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1173 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJW1173 Datasheet HTML 7Page - New Japan Radio NJW1173 Datasheet HTML 8Page - New Japan Radio NJW1173 Datasheet HTML 9Page - New Japan Radio NJW1173 Datasheet HTML 10Page - New Japan Radio NJW1173 Datasheet HTML 11Page - New Japan Radio NJW1173 Datasheet HTML 12Page - New Japan Radio NJW1173 Datasheet HTML 13Page - New Japan Radio NJW1173 Datasheet HTML 14Page - New Japan Radio NJW1173 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NJW1173
-11 -
s
s
s
s I
2C CONTROL COMMAND DESCRIPTION
q
q
q
qMASTER VOLUME CONTROL
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
VOL
The volume controls both Ach and Bch by the 0.5dB step.
The volume is consisted of volume1 and volume2. The level is divided into half to each volume1 and
volume2.
q
q
q
qBALANCE, AGC AND INPUT SELECTOR SETTINGS
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
01H
CHS
BAL
SUR
•CHS: Channel select for balance control
“0”: Ach “Bch is attenuated”
“1”: Bch “Ach is attenuated”
•BAL: Balance control for both Ach and Bch (1dB/Step)
The balance is consisted of volume2 alone. Volume1 does not operate on balance.
•SUR : Surround Setting
SUR
Surround Setting
D1
D0
Remarks
Surround OFF
0
0
Input through
Simulated Stereo mode
0
1
For monaural signal input only
"eala" High mode
1
0
Surround Effect Small ( 8.0dB typ. )
"eala" Low mode
1
1
Surround Effect Large (12.0dB typ. )
q
q
q
qTONE CONTROL (Bass) and AGC SETTINGS
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
02H
BCB
BASS
AGC-SW
AGC-FLAT
•BCB : Bass Boost or Cut
“0” : Cut
“1” : Boost
•BASS : BASS Level
Cut Level : -15 to 0dB(1dB/Step)
Boost Level : 0 to +15dB(1dB/Step)
•AGC-SW : AGC ON/OFF Switch
“0” : AGC OFF
“1” : AGC ON (Default : 100mVrms)
•AGC-FLAT : AGC Flat Level
AGC-FLAT
AGC Flat Level
D1
D0
100mVrms
0
0
200mVrms
0
1
300mVrms
1
0
400mVrms
1
1


Similar Part No. - NJW1173

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1172GK1 NJRC-NJW1172GK1 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1176L NJRC-NJW1176L Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1176M NJRC-NJW1176M Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1173

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com