Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5570WRS-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD5570WRS-REEL
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570WRS-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5570WRS-REEL Datasheet HTML 4Page - Analog Devices AD5570WRS-REEL Datasheet HTML 5Page - Analog Devices AD5570WRS-REEL Datasheet HTML 6Page - Analog Devices AD5570WRS-REEL Datasheet HTML 7Page - Analog Devices AD5570WRS-REEL Datasheet HTML 8Page - Analog Devices AD5570WRS-REEL Datasheet HTML 9Page - Analog Devices AD5570WRS-REEL Datasheet HTML 10Page - Analog Devices AD5570WRS-REEL Datasheet HTML 11Page - Analog Devices AD5570WRS-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5570
Rev. 0 | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to AGND, AGNDS, DGND
−0.3 V, +17 V
VSS to AGND, AGNDS, DGND
+0.3 V, −17 V
AGND, AGNDS to DGND
−0.3 V to +0.3 V
REFGND to AGND, ADNDS
VSS − 0.3 V to VDD + 0.3 V
REFIN to AGND, AGNDS
VSS − 0.3 V to VDD + 0.3 V
REFIN to REFGND
−0.3 V to +17 V
Digital Inputs to DGND
−0.3 V to VDD + 0.3 V
VOUT to AGND, AGNDS
−0.3 V to VDD + 0.3 V
SDO to DGND
−0.3 V to +6.5 V
Operating Temperature Range:
−40°C to +125°C
W, Y Grades
−40°C to +125°C
A, B Grades
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
(TJ Max)
150°C
16-Lead SSOP Package
Power Dissipation
(TJ max – TA)/θJA
θJA Thermal Impedance
139°C/W
Lead Temperature (Soldering 10 s)
300°C
IR Reflow, Peak Temperature
230°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD5570WRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

Similar Description - AD5570WRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com