Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2776 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2776
Description  Headphone Amplifier for Portable Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2776 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2776 Datasheet HTML 1Page - New Japan Radio NJM2776 Datasheet HTML 2Page - New Japan Radio NJM2776 Datasheet HTML 3Page - New Japan Radio NJM2776 Datasheet HTML 4Page - New Japan Radio NJM2776 Datasheet HTML 5Page - New Japan Radio NJM2776 Datasheet HTML 6Page - New Japan Radio NJM2776 Datasheet HTML 7Page - New Japan Radio NJM2776 Datasheet HTML 8Page - New Japan Radio NJM2776 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2776
- 2 -
s
s
s
s
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
5
V
Power Dissipation
PD
320
(note)
mW
Operating Temperature range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
V
+1
-
1.8
2.3
4.5
Operating Voltage Range
V
+2
-
0.9
1.2
4.5
V
s
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
+1=2.3V, V+2=1.2V, V
IN=-30dBV (31.6mVrms), f=1kHz,
RL=16Ω, Active mode, unless otherwise specified)
●Power Supply
TEST CONDITION
PARAMETER
SYMBOL
pin
MIN.
TYP.
MAX.
UNIT
ICC0
V
+1=0V
V
+2
-
-
1.0
ICC1
V
+2
-
6.0
10.0
ICC2
Standby mode
V
+1
-
25
35
ICC3
V
+2
-
350
750
ICC4
No signal
V
+1
-
200
400
µA
ICC5
V
+2
-
2.5
-
Operating Current
ICC6
PO=0.1mW+0.1mW
V
+1
-
200
-
mA
Reference Voltage
VREF
No signal
0.50
0.60
0.65
V
●Amplifier
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Closed loop Gain
GV
10.0
11.5
12.5
dB
Output Power
PO
THD=10%
5.0
8.5
-
mW
Total Harmonic Distortion
THD
PO=1mW
-
0.20
0.50
%
Output Noise Voltage
VNO
A-Weighted
-
-100
(10.0)
-96
(15.8)
dBV
(
µV)
Channel Separation
CS
44
55
-
dB
Mute Level
MUTE
Standby mode
1kHz Band Pass
-
-100
-80
dB
PSRR1
V
+1=1.8V + 0.1Vrms
V
+2=0.9V
46
52
-
Supply Voltage
Rejection Ratio
PSRR2
V
+1=1.8V
V
+2=0.9V + 0.1Vrms
70
77
-
dB
●Mode Control
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
VIH
VIN=High Level
1.2
-
V
+1
Low Level Input Voltage
VIL
VIN=Low Level
0.0
-
0.3
V
s
s
s
s
MODE SWITHCH FUNCTION
●STANDBY (7PIN)
PARAMETER
CONTROL SIGNAL
STATUS
Standby
L, open
IC is non-active.
Active
H
IC is active.


Similar Part No. - NJM2776

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
   HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V NJRC-NJM2772V Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2775A NJRC-NJM2775A Datasheet
24Kb / 3P
   PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
More results

Similar Description - NJM2776

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
   CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
NJM2173A NJRC-NJM2173A Datasheet
50Kb / 4P
   LOW VOLTAGE MICROPHONE AMPLIFIER for PORTABLE AUDIO
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
   Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com