Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1724IS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1724IS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724IS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1724IS Datasheet HTML 6Page - Linear Technology LT1724IS Datasheet HTML 7Page - Linear Technology LT1724IS Datasheet HTML 8Page - Linear Technology LT1724IS Datasheet HTML 9Page - Linear Technology LT1724IS Datasheet HTML 10Page - Linear Technology LT1724IS Datasheet HTML 11Page - Linear Technology LT1724IS Datasheet HTML 12Page - Linear Technology LT1724IS Datasheet HTML 13Page - Linear Technology LT1724IS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1722/LT1723/LT1724
10
172234fa
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G26
–50
VS = ±5V
AV = 1
RF = 0Ω
RIN = 0Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 500Ω, 2ND
RL = 500Ω, 3RD
RL = 150Ω, 3RD
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Supply Voltage
Harmonic Distortion vs Frequency
AV = 1, VO = 0.2VP-P
SUPPLY VOLTAGE (
±V)
2
50
55
65
70
SR+
SR+
SR
SR
75
3
4
4.5
6.5
1723 G25
60
2.5
3.5
5
5.5
6
80
VIN_P-P = VS, VOUT_MES
AT 2/3 OF VIN_P-P
VIN = ±1.5V, VOUT_MES AT ±1V
TA = 25°C
AV = –1
RF = RG = RL = 500Ω
Harmonic Distortion vs Frequency
AV = 1, VO = 0.2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G27
–50
VS = 5V
AV = 1
RF = 0Ω
RIN = 0Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 500Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 3RD
Harmonic Distortion vs Frequency
AV = 2, VO = 0.2VP-P
Harmonic Distortion vs Frequency
AV = 1, VO = 2VP-P
Harmonic Distortion vs Frequency
AV = 2, VO = 0.2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G28
–50
VS = ±5V
AV = 2
RF = 500Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 2ND
RL = 500Ω, 3RD
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G29
–50
VS = 5V
AV = 2
RF = 500Ω
VO = 0.2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 500Ω, 2ND
RL = 500Ω, 3RD
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G30
–50
VS = ±5V
AV = 1
RF = 0Ω
RIN = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 150Ω, 2ND
RL = 500Ω, 2ND
Harmonic Distortion vs Frequency
AV = 2, VO = 2VP-P
Harmonic Distortion vs Frequency
AV = 1, VO = 2VP-P
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G31
–50
VS = 5V
AV = 1
RF = 0Ω
RIN = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 150Ω, 2ND
RL = 500Ω, 2ND
FREQUENCY (MHz)
0.1
–100
–90
–80
–70
–60
–40
110
1723 G32
–50
VS = ±5V
AV = 2
RF = 500Ω
VO = 2VP-P
RL = 150Ω, 3RD
RL = 500Ω, 3RD
RL = 500Ω, 2ND
RL = 150Ω, 2ND


Similar Part No. - LT1724IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1724IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com