Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC14A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC14A
Description  Hex Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC14A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC14A Datasheet HTML 1Page - ON Semiconductor MC74HC14A Datasheet HTML 2Page - ON Semiconductor MC74HC14A Datasheet HTML 3Page - ON Semiconductor MC74HC14A Datasheet HTML 4Page - ON Semiconductor MC74HC14A Datasheet HTML 5Page - ON Semiconductor MC74HC14A Datasheet HTML 6Page - ON Semiconductor MC74HC14A Datasheet HTML 7Page - ON Semiconductor MC74HC14A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 8
1
Publication Order Number:
MC74HC14A/D
MC74HC14A
Hex Schmitt-Trigger
Inverter
High–Performance Silicon–Gate CMOS
The MC74HC14A is identical in pinout to the LS14, LS04 and the
HC04. The device inputs are compatible with Standard CMOS
outputs; with pullup resistors, they are compatible with LSTTL
outputs.
The HC14A is useful to “square up” slow input rise and fall times.
Due to hysteresis voltage of the Schmitt trigger, the HC14A finds
applications in noisy environments.
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2 to 6V
Low Input Current: 1µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 60 FETs or 15 Equivalent Gates
LOGIC DIAGRAM
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
Pin 14 = VCC
Pin 7 = GND
Pinout: 14–Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
GND
Device
Package
Shipping
ORDERING INFORMATION
MC74HC14AN
PDIP–14
2000 / Box
MC74HC14AD
SOIC–14
http://onsemi.com
55 / Rail
MC74HC14ADR2
SOIC–14
2500 / Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MC74HC14ADT
TSSOP–14
96 / Rail
MC74HC14ADTR2
TSSOP–14
2500 / Reel
TSSOP–14
DT SUFFIX
CASE 948G
HC
14A
ALYW
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
MC74HC14AN
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
HC14A
AWLYWW
L
H
FUNCTION TABLE
Inputs
Outputs
A
H
L
Y


Similar Part No. - MC74HC14A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC14A MOTOROLA-MC74HC14A Datasheet
180Kb / 8P
   HEX Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
logo
Motorola, Inc
MC74HC14AD MOTOROLA-MC74HC14AD Datasheet
180Kb / 8P
   HEX Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC14AD ONSEMI-MC74HC14AD Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC14ADG ONSEMI-MC74HC14ADG Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results

Similar Description - MC74HC14A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com